Electronic Components Datasheet Search
  English  ▼

X  

MOR286R3S Datasheet(PDF) 14 Page - Interpoint Corporation Company

Part # MOR286R3S
Description  Parallel operation with current share, up to 5 units (540 watts)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR286R3S Datasheet(HTML) 14 Page - Interpoint Corporation Company

Back Button MOR286R3S Datasheet HTML 10Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 11Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 12Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 13Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 14Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 15Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 16Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 17Page - Interpoint Corporation Company MOR286R3S Datasheet HTML 18Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Typical Performance Curves: 25°C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Figure 23
Figure 25
Figure 24
Figure 28
0.1
1
10
100
0
100
20
40
60
80
Frequency (kHz)
MOR2815D Audio Rejection
Negative Output
Positive Output
Figure 26
0.1
1
10
100
0
100
20
40
60
80
Frequency (kHz)
MOR2805S Audio Rejection
Figure 27
0.1
1
10
100
0
100
20
40
60
80
Frequency (kHz)
MOR2815S Audio Rejection
Figure 29
Figure 30
Figure 31
MOR2805S Input Ripple Current (Iin)
1 µs/div
25 µs/div
MOR2812D Sync Out
500 ns/div
–0V
Representative of all models
MOR2805S Output Ripple (Vout)
1 µs/div
80% Load
16V
28V
40V
10.5
105
52.5
50
60
70
80
90
Output Power (Watts)
MOR289R5D Efficiency
16V
28V
40V
11
110
55
50
60
70
80
90
Output Power (Watts)
MOR2812D Efficiency
16V
28V
40V
12
120
60
50
60
70
80
90
Output Power (Watts)
MOR2815D Efficiency
Crane Aerospace & Electronics Power Solutions
Page 14 of 24
28 Volt input – 120 Watt
www.interpoint.com
MOR Rev K - 20100422
Mor single and dual dc/dc converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com