Electronic Components Datasheet Search
  English  ▼

X  

LA4587M Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA4587M
Description  Preamplifier Power Amplifier for 1.5 V Headphone Stereos
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4587M Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA4587M Datasheet HTML 4Page - Sanyo Semicon Device LA4587M Datasheet HTML 5Page - Sanyo Semicon Device LA4587M Datasheet HTML 6Page - Sanyo Semicon Device LA4587M Datasheet HTML 7Page - Sanyo Semicon Device LA4587M Datasheet HTML 8Page - Sanyo Semicon Device LA4587M Datasheet HTML 9Page - Sanyo Semicon Device LA4587M Datasheet HTML 10Page - Sanyo Semicon Device LA4587M Datasheet HTML 11Page - Sanyo Semicon Device LA4587M Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Continued from preceding page.
Unit (resistance:
Ω, capacitance: F)
Pin No.
Pin name
Pin voltage
[V]
Internal equivalent circuit
Remarks
37
41
POWER MUTE SW
Low Boost SW
c When pin 37 is grounded,
mute is on.
c When pin 41 is floating, low
boost is on.
38
POWER SW
c Power on when grounded.
39
40
FWD/REV SW
METAL SW
c When pin 39 is floating: FWD
mode; when grounded: REV
mode.
c When pin 40 is in FL mode:
metal on.
44
R.F REF
1.13
c RF is referenced hereto. An
external capacitor can be
used to vary RF SVRR.
46
R.F BASE
0.5
c Used for external PNP
transistor base drive.
LA4587M
No.5204-8/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com