Electronic Components Datasheet Search
  English  ▼

X  

LA4587M Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # LA4587M
Description  Preamplifier Power Amplifier for 1.5 V Headphone Stereos
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4587M Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button LA4587M Datasheet HTML 10Page - Sanyo Semicon Device LA4587M Datasheet HTML 11Page - Sanyo Semicon Device LA4587M Datasheet HTML 12Page - Sanyo Semicon Device LA4587M Datasheet HTML 13Page - Sanyo Semicon Device LA4587M Datasheet HTML 14Page - Sanyo Semicon Device LA4587M Datasheet HTML 15Page - Sanyo Semicon Device LA4587M Datasheet HTML 16Page - Sanyo Semicon Device LA4587M Datasheet HTML 17Page - Sanyo Semicon Device LA4587M Datasheet HTML 18Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Frequency, fi —Hz
VO
When low boost is on
When low boost is off
Output on both
channels
Supply voltage, VCC —V
PO
on
on
on
off
Output on both channels
on
Input on both channels
on
Input on both
channels
Supply voltage, VCC —V
PO —fi
Frequency, fi —Hz
L.B.= on
Input on both channels,
Load on both channels
L.B. + Power
Frequency, fi —Hz
THD—fi
L.B. = on
Input on both chanels,
Load on both channels
Supply voltage, VCC —V
Frequency, fi —Hz
on
off
Input on both
channels No filter
Supply voltage, VCC —V
VO max—fi
fi
VO
LA4587M
No.5204-17/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com