Electronic Components Datasheet Search
  English  ▼

X  

LA4587M Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LA4587M
Description  Preamplifier Power Amplifier for 1.5 V Headphone Stereos
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4587M Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LA4587M Datasheet HTML 5Page - Sanyo Semicon Device LA4587M Datasheet HTML 6Page - Sanyo Semicon Device LA4587M Datasheet HTML 7Page - Sanyo Semicon Device LA4587M Datasheet HTML 8Page - Sanyo Semicon Device LA4587M Datasheet HTML 9Page - Sanyo Semicon Device LA4587M Datasheet HTML 10Page - Sanyo Semicon Device LA4587M Datasheet HTML 11Page - Sanyo Semicon Device LA4587M Datasheet HTML 12Page - Sanyo Semicon Device LA4587M Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Description of External Components
.
C1 (1.0 to 10 µF):
VREF amplifier is referenced to this decoupling capacitor.
The VREF SVRR depends on the value of this capacitor.
Note that if the capacitance is reduced, the SVRR worsens.
.
C2,C10:
Playback preamplifier EQ constant.
.
C3,C9 (0.47 to 3.3 µF):
Preamplifier output capacitor.
.
C4,C8:
AMSS input HPF capacitor.
.
C5,C7:
EQ constant for metal (built-in resistance 3.9 k
Ω±15%).
.
C6 (0.1 to 22 µF):
VREF decoupling capacitor.
For high-frequency noise rejection.
.
C11,C12 (3.3 to 10 µF):
NFC decoupling capacitor.
Note that if the capacitance is reduced, the preamplifier low-frequency gain decreases.
.
C13,C15 (1.0 to 3.3 µF):
Power amplifier input capacitor (Input resistance: 10 k
Ω).
.
C14,C17:
Capacitor for low boost LPF.
The low boost gain depends on the capacitance.
.
C16 (1.0 to 4.7 µF):
Boost amplifier NF capacitator.
Note that if the capacitance is reduced, the low boost low-frequency gain decreases.
.
C18,C23,C26 (0.1 to 1.0 µF):
Oscillation blocking capacitator.
.
C19,C22,C25 (3.3 to 10 µF):
Power amplifier NF capacitor.
Note that if the capacitance is reduced, the power amplifier low-frequency gain decreases.
.
C20,C24:
Bass high boost capacitor.
The high gain depends on the capacitance.
.
C21 (100 to 2200 pF):
Oscillation blocking capacitator.
.
C29 (4.7 to 10 µF):
RF output decoupling capacitor. (Also serves as the power supply capacitor and the
oscillation blocking capacitor.)
.
C28 (22 to 220 µF):
Power supply capacitor.
.
C30 (2.2 to 10 µF):
RF is referenced to this LPF capacitor.
The RF SVRR depends on the capacitance.
.
C31,C32 (0.047 to 0.22 µF):
Switching circuit smoothing capacitor. Must be adjusted according to the set timing.
.
R1,R10:
For preamplifier gain adjustment.
.
R2,R9:
Playback preamplifier EQ constant.
.
R3,R8:
EQ constant for metal.
.
R4,R7:10 kΩ volume control.
.
R5,R6:
For AMSS gain adjustment and HPF.
.
R11,R12,R13:
For oscillation blocking.
.
R14,R15 (100 to 430 kΩ):
For switching circuit smoothing (discharge resistors).
LA4587M
No.5204-9/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com