Electronic Components Datasheet Search
  English  ▼

X  

LA4587M Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA4587M
Description  Preamplifier Power Amplifier for 1.5 V Headphone Stereos
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4587M Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA4587M Datasheet HTML 2Page - Sanyo Semicon Device LA4587M Datasheet HTML 3Page - Sanyo Semicon Device LA4587M Datasheet HTML 4Page - Sanyo Semicon Device LA4587M Datasheet HTML 5Page - Sanyo Semicon Device LA4587M Datasheet HTML 6Page - Sanyo Semicon Device LA4587M Datasheet HTML 7Page - Sanyo Semicon Device LA4587M Datasheet HTML 8Page - Sanyo Semicon Device LA4587M Datasheet HTML 9Page - Sanyo Semicon Device LA4587M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Continued from preceding page.
Unit (resistance:
Ω, capacitance: F)
Pin No.
Pin name
Pin voltage
[V]
Internal equivalent circuit
Remarks
15
Low Boost NF
0.75
c Low boost amplifier NF
connection.
16
18
POWER IN2
POWER IN1
0.75
c Each power input connection.
c The input resistance is
10 k
Ω.
c An anti-buzz capacitor is built
in.
17
L.P1
0.75
c Low boost primary LP.
connection.
19
20
NFC2
NFC1
0.75
21
28
PRE NF1
PRE NF2
0.75
c Each preamplifier NF
connection.
c NF requires no capacitor.
22
27
PRE OUT1
PRE OUT2
0.45
c 200 k
Ω is connected
between each output pin and
NF pin.
Continued on next page.
LA4587M
No.5204-6/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com