Electronic Components Datasheet Search
  English  ▼

X  

LA4587M Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA4587M
Description  Preamplifier Power Amplifier for 1.5 V Headphone Stereos
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4587M Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA4587M Datasheet HTML 3Page - Sanyo Semicon Device LA4587M Datasheet HTML 4Page - Sanyo Semicon Device LA4587M Datasheet HTML 5Page - Sanyo Semicon Device LA4587M Datasheet HTML 6Page - Sanyo Semicon Device LA4587M Datasheet HTML 7Page - Sanyo Semicon Device LA4587M Datasheet HTML 8Page - Sanyo Semicon Device LA4587M Datasheet HTML 9Page - Sanyo Semicon Device LA4587M Datasheet HTML 10Page - Sanyo Semicon Device LA4587M Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Continued from preceding page.
Unit (resistance:
Ω, capacitance: F)
Pin No.
Pin name
Pin voltage
[V]
Internal equivalent circuit
Remarks
23
26
METAL1
METAL2
0
c Connected to GND through
3.9 k
Ω in metal on mode (pin
40: floating)
24
25
AMSS IN1
AMSS IN2
0.75
c AMSS inverting input
connection.
c An external input resistor is
required.
29
30
31
32
PRE REV IN1
PRE REV IN2
PRE FWD IN2
PRE FWD IN1
0.75
b Pins 29 and 30 turn on in
REV mode (pin 39: GND).
c Pins 31 and 32 turn on in
FWD mode (pin 39: floating)
c When not using the head, a
bias resistor (2.2 k
Ω)is
required between these pins
and VREF (pin 33).
c An anti-buzz capacitor is built
in.
33
VREF
0.75
c VREF amplifier output. Low
impedance is achieved due
to the output resistor (ro =
10
Ω).
c Inflow/outflow current:
200 µA max.
34
REF
0.75
c The VREF amplifier is
referenced hereto.
36
AMSS OUT
c Outputs a pulse waveform in
accordance with the AMSS
IN (pins 24 and 25) input
level.
Continued on next page.
LA4587M
No.5204-7/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com