Electronic Components Datasheet Search
  English  ▼

X  

IC-NQL Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-NQL Datasheet HTML 7Page - IC-Haus GmbH IC-NQL Datasheet HTML 8Page - IC-Haus GmbH IC-NQL Datasheet HTML 9Page - IC-Haus GmbH IC-NQL Datasheet HTML 10Page - IC-Haus GmbH IC-NQL Datasheet HTML 11Page - IC-Haus GmbH IC-NQL Datasheet HTML 12Page - IC-Haus GmbH IC-NQL Datasheet HTML 13Page - IC-Haus GmbH IC-NQL Datasheet HTML 14Page - IC-Haus GmbH IC-NQL Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev B1, Page 11/24
SIGNAL CONDITIONING
Input stages SIN and COS are configured as instru-
mentation amplifiers. The amplifier gain must be se-
lected in accordance with the sensor signal level and
programmed to register GAIN according to the follow-
ing table. Half of the supply voltage is output to VREF
as center voltage to help DC level adaptation.
GAIN
Adr 0x08, Bit 7:4
Sine/Cosine Input Signal Levels Vin()
Amplitude
Average value (DC)
Code
Amplification
Differential
Single-ended
Differential
Single-ended
0x0F
80.000
up to 50 mVpp
up to 100 mVpp
0.7 V ... VDDA - 1.2 V
0.8 V ... VDDA - 1.2 V
0x0E
66.667
up to 60 mVpp
up to 120 mVpp
0.7 V ... VDDA - 1.2 V
0.8 V ... VDDA - 1.2 V
0x0D
53.333
up to 75 mVpp
up to 0.15 Vpp
0.7 V ... VDDA - 1.2 V
0.8 V ... VDDA - 1.2 V
0x0C
40.000
up to 0.1 Vpp
up to 0.2 Vpp
1.2 V ... VDDA - 1.2 V
1.3 V ... VDDA - 1.3 V
0x0B
33.333
up to 0.12 Vpp
up to 0.24 Vpp
1.2 V ... VDDA - 1.2 V
1.3 V ... VDDA - 1.3 V
0x0A
28.571
up to 0.14 Vpp
up to 0.28 Vpp
0.7 V ... VDDA - 1.2 V
0.8 V ... VDDA - 1.3 V
0x09
26.667
up to 0.15 Vpp
up to 0.3 Vpp
1.2 V ... VDDA - 1.2 V
1.3 V ... VDDA - 1.3 V
0x08
20.000
up to 0.2 Vpp
up to 0.4 Vpp
0.7 V ... VDDA - 1.2 V
0.8 V ... VDDA - 1.3 V
0x07
14.287
up to 0.28 Vpp
up to 0.56 Vpp
1.2 V ... VDDA - 1.3 V
1.4 V ... VDDA - 1.4 V
0x06
10.000
up to 0.4 Vpp
up to 0.8 Vpp
1.2 V ... VDDA - 1.3 V
1.4 V ... VDDA - 1.5 V
0x05
8.000
up to 0.5 Vpp
up to 1 Vpp
0.8 V ... VDDA - 1.4 V
1.0 V ... VDDA - 1.6 V
0x04
6.667
up to 0.6 Vpp
up to 1.2 Vpp
0.8 V ... VDDA - 1.4 V
1.1 V ... VDDA - 1.7 V
0x03
5.333
up to 0.75 Vpp
up to 1.5 Vpp
0.9 V ... VDDA - 1.5 V
1.3 V ... VDDA - 1.9 V
0x02
4.000
up to 1 Vpp
up to 2 Vpp
1.2 V ... VDDA - 1.6 V
1.7 V ... VDDA - 2.1 V
0x01
3.333
up to 1.2 Vpp
up to 2.4 Vpp
1.2 V ... VDDA - 1.7 V
1.8 V ... VDDA - 2.3 V
0x00
2.667
up to 1.5 Vpp
up to 3 Vpp
1.3 V ... VDDA - 1.8 V
2.0 V ... VDDA - 2.6 V
Table 6: Gain Select
SINOFFS
Adr 0x09, Bit 7:0
COSOFFS
Adr 0x0A, Bit 7:0
Code
Output Offset
Input Offset
0x00
0 V
0 V
0x01
-7.8125 mV
-7.8125* mV / GAIN
...
...
...
0x7F
-0.9922 V
-0.9922 V / GAIN
0x80
0 V
0 V
0x81
+7,8125 mV
+7.8125 mV / GAIN
...
...
...
0xFF
+0.9922 V
+0.9922 V / GAIN
Notes
*) With REFOFFS = 0x00 und VDDA = 5 V.
Table 7: Offset Calibration Sine/Cosine
REFOFFS
Adr 0x0B, Bit 1
Code
Reference Voltage
0x00
Depending on VDDA
(example of application: MR sensors)
0x01
Not depending on VDDA
(example of application: Sin/Cos encoders)
Table 8: Offset Calibration Reference
RATIO
Adr 0x0B, Bit 0, Adr 0x08, Bit 3:0
Code
COS / SIN
Code
COS / SIN
0x00
1.0000
0x10
1.0000
0x01
1.0067
0x11
0.9933
...
...
...
...
0x0F
1.1
0x1F
0.9000
Table 9: Amplitude Calibration
PHASE
Adr 0x0B, Bit 7:2
Code
Phase Shift
Code
Phase Shift
0x00
90°
0x20
90°
0x01
90.703125°
0x21
89.296875°
...
...
...
...
0x12
102.65625°
0x32
77.34375°
...
102.65625°
...
77.34375°
0x1F
102.65625°
0x3F
77.34375°
Table 10: Phase Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com