Electronic Components Datasheet Search
  English  ▼

X  

IC-NQL Datasheet(PDF) 16 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 16 Page - IC-Haus GmbH

Back Button IC-NQL Datasheet HTML 12Page - IC-Haus GmbH IC-NQL Datasheet HTML 13Page - IC-Haus GmbH IC-NQL Datasheet HTML 14Page - IC-Haus GmbH IC-NQL Datasheet HTML 15Page - IC-Haus GmbH IC-NQL Datasheet HTML 16Page - IC-Haus GmbH IC-NQL Datasheet HTML 17Page - IC-Haus GmbH IC-NQL Datasheet HTML 18Page - IC-Haus GmbH IC-NQL Datasheet HTML 19Page - IC-Haus GmbH IC-NQL Datasheet HTML 20Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev B1, Page 16/24
ZPOS
Adr 0x01, Bit 4:0
Code
Position
0x00
0°
0x08
90°
0x10
180°
0x18
270°
Notes
The zero signal is only output if released by the
input pins (for instance with PZERO = 5 V, NZERO =
VREF).
Table 21: Zero Signal Position
CFGZ
Adr 0x02, Bit 1:0
Code
Length
0x00
90°
0x01
180°
0x02.. 03
Synchronization
Table 22: Zero Signal Length
CFGAB
Adr 0x03, Bit 5:4
Code
Z = 1 for
0x00
B = 1, A = 1
0x01
B = 0, A = 1
0x02
B = 1, A = 0
0x03
B = 0, A = 0
Table 23: Zero Signal Logic
-180°
-90°
0°
90°
180°
Angle
SIN
COS
A
B
Z (CFGZ= 1)
Z (CFGZ= 2)
Z (CFGZ= 0)
Figure 12: Incremental output signals for various length of the zero signal.
Example for a resolution of 64 (SELRES = 0x0A), a zero signal position of 0° (ZPOS = 0x00,
CFGAB = 0x00) and no reversal of the rotational sense (ROT = 0x00, COS leads SIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com