Electronic Components Datasheet Search
  English  ▼

X  

IC-NQL Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-NQL Datasheet HTML 16Page - IC-Haus GmbH IC-NQL Datasheet HTML 17Page - IC-Haus GmbH IC-NQL Datasheet HTML 18Page - IC-Haus GmbH IC-NQL Datasheet HTML 19Page - IC-Haus GmbH IC-NQL Datasheet HTML 20Page - IC-Haus GmbH IC-NQL Datasheet HTML 21Page - IC-Haus GmbH IC-NQL Datasheet HTML 22Page - IC-Haus GmbH IC-NQL Datasheet HTML 23Page - IC-Haus GmbH IC-NQL Datasheet HTML 24Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev B1, Page 21/24
APPLICATION HINTS
Principle Input Circuits
Figure 17: Input circuit for voltage signals of 1 Vpp
with no ground reference. When grounds
are not separated the connection NSIN
to VREF must be omitted.
Figure 18: Input circuit for current signals of 11 µA.
This circuit does not permit offset calibra-
tion.
Figure 19: Input circuit for single-sided voltage or
current source signals with ground refer-
ence (adaptation via resistors R3, R4).
Figure 20: Simplified input wiring for single-sided
voltage signals with ground reference.
Figure 21: Input circuit for differential current sink
sensor outputs, eg. using Opto Encoder
iC-WG.
Figure 22: Combined input circuit for 11 µA, 1 Vpp
(with 120 Ω termination) or TTL encoder
signals. RS3/4 and CS1 serve as protec-
tion against ESD and transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com