Electronic Components Datasheet Search
  English  ▼

X  

IC-NQL Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-NQL Datasheet HTML 9Page - IC-Haus GmbH IC-NQL Datasheet HTML 10Page - IC-Haus GmbH IC-NQL Datasheet HTML 11Page - IC-Haus GmbH IC-NQL Datasheet HTML 12Page - IC-Haus GmbH IC-NQL Datasheet HTML 13Page - IC-Haus GmbH IC-NQL Datasheet HTML 14Page - IC-Haus GmbH IC-NQL Datasheet HTML 15Page - IC-Haus GmbH IC-NQL Datasheet HTML 16Page - IC-Haus GmbH IC-NQL Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev B1, Page 13/24
MAXIMUM POSSIBLE CONVERTER FREQUENCY
The converter frequency automatically adjusts to the
value necessary for the input frequency and resolution.
This value ranges from zero to a maximum dependent
on the oscillator frequency which can be set using reg-
ister FCTR.
Serial data output
For SSI output the maximum possible converter fre-
quency can be adjusted to suit the maximum input fre-
quency; an automatic converter resolution step-down
feature can be enabled via the FCTR register. Should
the input frequency exceed the frequency limit of the
selected converter resolution, the LSB is kept stable
and not resolved any further; the interpolation resolu-
tion halves.
If the next frequency limit is overshot, the LSB and the
LSB+1 are kept stable and so on. When the input fre-
quency again sinks below this frequency limit, the fine
resolution automatically returns.
Max. Possible Converter Frequency For Serial Data Output
Resolution
Protocol
Max. Input Frequency
Restrictions
Examples*
Requirements
at high input frequency
finmax [kHz] at resol.
FCTR
Min. Res.
bin
dec SSI
finmax
8192
1024
200
0x0004
X
X
X
f(OSC)min / 40 / Resolution
–
0.16
1.27
6.5
0x4102
≥ 8
X
X
X
f(OSC)min / 24 / Resolution
Rel. angle error 2x increased
0.26
2.1
10.8
0x4202
≥ 16
X
X
X
2 x f(OSC)min / 24 / Res.
Rel. angle error 4x increased
0.53
4.2
21.6
0x4304
≥ 32
X
X
X
4 x f(OSC)min / 40 / Res.
Rel. angle error 8x increased
0.64
5.1
26.0
0x4602
≥ 64
X
-
X
4 x f(OSC)min / 24 / Res.
Resolution lowered by factor of 2
1.1
8.5
-
0x4A02
≥ 128
X
-
X
8 x f(OSC)min / 24 / Res.
Res. lowered by factor of 2-4
2.1
16.9
-
0x4E02
≥ 256
X
-
X
16 x f(OSC)min / 24 / Res.
Res. lowered by factor of 2-8
4.2
33.8
-
0x5202
≥ 512
X
-
X
32 x f(OSC)min / 24 / Res.
Res. lowered by factor of 2-16
8.5
67.7
-
0x5602
≥ 1024
X
-
X
64 x f(OSC)min / 24 / Res.
Res. lowered by factor of 2-32
16.9
135
-
0x5A02
≥ 2048
X
-
X
128 x f(OSC)min / 24 / Res.
Res. lowered by factor of 2-64
33.8
250
-
0x5E02
≥ 4096
X
-
X
256 x f(OSC)min / 24 / Res.
Res. lowered by factor of 2-128
67.7
-
-
0x6202
8192
X
-
X
512 x f(OSC)min / 24 / Res.
Res. lowered by factor of 2-256
135
-
-
Notes
*) Calculated with fosc()min taken from Electrical Characteristics item A01.
Table 14: Maximum converter frequency for serial data output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com