Electronic Components Datasheet Search
  English  ▼

X  

IC-NQL Datasheet(PDF) 18 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 18 Page - IC-Haus GmbH

Back Button IC-NQL Datasheet HTML 14Page - IC-Haus GmbH IC-NQL Datasheet HTML 15Page - IC-Haus GmbH IC-NQL Datasheet HTML 16Page - IC-Haus GmbH IC-NQL Datasheet HTML 17Page - IC-Haus GmbH IC-NQL Datasheet HTML 18Page - IC-Haus GmbH IC-NQL Datasheet HTML 19Page - IC-Haus GmbH IC-NQL Datasheet HTML 20Page - IC-Haus GmbH IC-NQL Datasheet HTML 21Page - IC-Haus GmbH IC-NQL Datasheet HTML 22Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev B1, Page 18/24
TEST FUNCTIONS
TMODE
Adr 0x06, Bit 3:1
Code
Signal at Z
Description
0x00
Z
no test mode
0x01
A xor B
Output A EXOR B
0x02
ENCLK
iC-Haus device test
0x03
NLOCK
iC-Haus device test
0x04
CLK
iC-Haus device test
0x05
DIVC
iC-Haus device test
0x06
PZERO - NZERO
iC-Haus device test
0x07
TP
iC-Haus device test
Condition
CFGABZ = 0x00
Table 29: Test Mode
TMA
Adr 0x06, Bit 0
Code
Pin A
Pin B
Pin SDA
Pin SCL
0x00
A
B
SDA
SCL
0x01
COS+
COS-
SIN+
SIN-
Notes
To permit the verification of GAIN and OFFSET
settings, the input amplifier outputs are available at
the pins. To operate the converter a signal of 4 Vpp
is the ideal here and should not be exceeded. Pin
loads above 1 MΩ are adviceable for accurate
measurements.
Table 30: Analog Test Mode
SDA: Sin+
A: COS+
5 V
X/Y
0 V
1 V/Div vert. 1 V/Div hor.
Y/T
1 V/Div vert.
Figure 15: Calibrated signals with TMA mode.
Parameter GAIN ideally adjusts the signal levels to ca.
4 Vpp and should not be touched afterwards.
Both scope display modes are feasible for OFFS (pos-
itive values) or RATIO adjustments; regarding the ad-
justment of PHASE the X/Y mode may be preferred.
For OFFS adjustment towards negative values the test
signals COS- (pin B) and SIN- (pin SCL) are relevant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com