Electronic Components Datasheet Search
  English  ▼

X  

MX214 Datasheet(PDF) 8 Page - CML Microcircuits

Part # MX214
Description  Variable Split Band Inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX214 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button MX214 Datasheet HTML 4Page - CML Microcircuits MX214 Datasheet HTML 5Page - CML Microcircuits MX214 Datasheet HTML 6Page - CML Microcircuits MX214 Datasheet HTML 7Page - CML Microcircuits MX214 Datasheet HTML 8Page - CML Microcircuits MX214 Datasheet HTML 9Page - CML Microcircuits MX214 Datasheet HTML 10Page - CML Microcircuits MX214 Datasheet HTML 11Page - CML Microcircuits MX214 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Variable Split Band Inverter
8
MX214/224
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480112.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Component
Notes
Value
Tolerance
R1
1.0M

±10%
R2
Selectable
C1
33pF
±20%
C2
68pF
±20%
C3
15nF
±20%
C4
15nF
±20%
C5
1
1.0µF
±20%
C6
1
1.0µF
±20%
C7
1.0µF
±20%
C8
1.0µF
±20%
X1
2
1MHz
Table 3: Recommended External Components
Notes:
1.
C5 and C6 are coupling capacitors between filter outputs and balanced modulator inputs.
2.
For best results, a crystal oscillator design should drive the clock inverter input with signal levels of at
least 40% of VDD, peak to peak. Tuning fork crystals generally cannot meet this requirement. To
obtain crystal oscillator design assistance, consult your crystal manufacturer.
4.
General Description
The MX214/224 Variable Split Band Inverters are designed for mobile and cellular radio voice security
applications. Digital control functions are loaded serially into the MX214. The MX224 is loaded in parallel.
The MX214/224 ICs include a highpass filter that rejects subaudio frequencies, ensuring full CTCSS
compatibility. This CTCSS filter is not included on the earlier generation MX204 VSB Inverter.
The MX214/224 splits the voiceband (300-2700Hz) into upper and lower subbands, and inverts each subband
about itself. The ‘split point’ (defined as the frequency where the voice band is subdivided), is externally
programmable to 32 distinct values in the 300 to 3000Hz range. In the ‘fixed code’ mode, a single point is
used. Fixed mode operation nets approximately 4 mutually exclusive secure channels.
In ‘rolling code’ mode, the split point is changed many times per second, usually under control of a
microprocessor. Rolling code scrambling requires synchronization, offers higher security than fixed code
operation, and provides a much greater number of mutually exclusive secure channels.
The MX214/224 offers a recovered audio product close to that of a telephone. The on-chip ‘ Mute’ function is
useful when implementing rolling code continuous synchronization schemes. ‘Powersave’ and
‘Clear/Scramble’ controls are also included on-chip. Timing and filter clocks are derived internally from an
on-chip 1MHz reference oscillator driven by a 1MHz crystal or clock pulse input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com