Electronic Components Datasheet Search
  English  ▼

X  

MX214 Datasheet(PDF) 11 Page - CML Microcircuits

Part # MX214
Description  Variable Split Band Inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX214 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button MX214 Datasheet HTML 7Page - CML Microcircuits MX214 Datasheet HTML 8Page - CML Microcircuits MX214 Datasheet HTML 9Page - CML Microcircuits MX214 Datasheet HTML 10Page - CML Microcircuits MX214 Datasheet HTML 11Page - CML Microcircuits MX214 Datasheet HTML 12Page - CML Microcircuits MX214 Datasheet HTML 13Page - CML Microcircuits MX214 Datasheet HTML 14Page - CML Microcircuits MX214 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Variable Split Band Inverter
11
MX214/224
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480112.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6.
Performance Specifications
6.1
Electrical Specifications
6.1.1
Absolute Maximum Limits
Exceeding these maximum ratings can result in damage to the device.
General
Notes
Min.
Typ.
Max.
Units
Supply (VDD-VSS)
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
VDD + 0.3
V
Current
VDD
-30
30
mA
VSS
-30
30
mA
Any other pin
-20
20
mA
P/LH Packages
Total allowable Power dissipation
at TAMB = 25C
800
mW
Derating above 25
C
10
mW/
C above 25C
Operating Temperature
-30
70
C
Storage Temperature
-40
85
C
J Package
Total allowable Power dissipation
at TAMB = 25C
800
mW
Derating above 25
C
10
mW/
C above 25C
Operating Temperature
-30
85
C
Storage Temperature
-55
125
C
6.1.2
Operating Limits
Correct Operation of the device outside these limits is not implied.
Min.
Typ.
Max.
Units
Supply (VDD-VSS)
4.5
5.0
5.5
V
Operating Temperature (P/LH)
-30
70
C
Operating Temperature (J)
-30
85
C
Xtal Frequency
1.0
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com