Electronic Components Datasheet Search
  English  ▼

X  

MX214 Datasheet(PDF) 13 Page - CML Microcircuits

Part # MX214
Description  Variable Split Band Inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX214 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button MX214 Datasheet HTML 9Page - CML Microcircuits MX214 Datasheet HTML 10Page - CML Microcircuits MX214 Datasheet HTML 11Page - CML Microcircuits MX214 Datasheet HTML 12Page - CML Microcircuits MX214 Datasheet HTML 13Page - CML Microcircuits MX214 Datasheet HTML 14Page - CML Microcircuits MX214 Datasheet HTML 15Page - CML Microcircuits MX214 Datasheet HTML 16Page - CML Microcircuits MX214 Datasheet HTML 17Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Variable Split Band Inverter
13
MX214/224
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480112.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Notes
Min.
Typ.
Max.
Units
CTCSS (Highpass Filter)
-3dB Point
300
Hz
Passband gain
0
dB
Stopband Attenuation at f < 250Hz
40
dB
Operating Characteristics Notes:
1.
Measured at the output of a single device.
2.
Tx Mode.
3.
Rx Mode.
4.
With input AC short-circuited to VSS.
5.
Measured at the output of a receiving device in a scrambler-descrambler system with a transmission
channel having a flat amplitude response and a bandwidth of 300Hz to 3400Hz and measured relative
to the input signal at the transmitting device.
6.
Excluding split point
150Hz.
7.
Measured at the Rx or Tx output pin of a single source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com