Electronic Components Datasheet Search
  English  ▼

X  

MX214 Datasheet(PDF) 9 Page - CML Microcircuits

Part # MX214
Description  Variable Split Band Inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX214 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button MX214 Datasheet HTML 5Page - CML Microcircuits MX214 Datasheet HTML 6Page - CML Microcircuits MX214 Datasheet HTML 7Page - CML Microcircuits MX214 Datasheet HTML 8Page - CML Microcircuits MX214 Datasheet HTML 9Page - CML Microcircuits MX214 Datasheet HTML 10Page - CML Microcircuits MX214 Datasheet HTML 11Page - CML Microcircuits MX214 Datasheet HTML 12Page - CML Microcircuits MX214 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Variable Split Band Inverter
9
MX214/224
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480112.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.
Application
The MX214 represents both the MX214 and the MX224 throughout this section.
Recommended external components are shown in Figure 2 and Figure 3. In ‘Scramble’ mode, split point
frequencies are selected and set in accordance with the ROM address code present at the inputs A0-A4. See
Table 4. In ‘Clear’ mode, both upper and Lowerband filter limits are used (see Figure 6 and Figure 7), the
carrier frequencies are turned off, and the balanced modulators are bypassed internally. The Lowband audio
is removed from the output signal prior to summing.
ROM
Address
A4-A0
Split Point
Hz
Low Band
Carrier, Hz
fC1
High Band
Carrier, Hz
fC2
ROM
Address
A4-A0
Split Point
Hz
Low Band
Carrier, Hz
fC1
High Band
Carrier, Hz
fC2
00000
2800
3105
6172
10000
1135
1436
4504
00001
2625
2923
6024
10001
1050
1351
4424
00010
2470
2777
5813
10010
976
1278
4347
00011
2333
2631
5681
10011
913
1213
4310
00100
2210
2512
5555
10100
857
1157
4273
00101
2100
2403
5494
10101
792
1094
4166
00110
2000
2304
5376
10110
736
1037
4132
00111
1909
2212
5263
10111
688
988
4065
01000
1826
2127
5208
11000
636
936
4032
01001
1750
2049
5102
11001
591
891
3968
01010
1680
1984
5050
11010
552
853
3937
01011
1555
1858
4950
11011
512
813
3906
01100
1448
1748
4807
11100
471
772
3846
01101
1354
1655
4716
11101
428
728
3816
01110
1272
1572
4629
11110
388
688
3787
01111
1200
1501
4587
11111
350
650
3731
Table 4: ROM Address Programming
The MUTE function disables the MX214/224’s audio outputs to allow periodic transmission of synchronization
data. A logic ‘0’ at this input isolates the device while leaving the audio input and output ins at bias level (See
Table 2). When the MX21/224 is in Powersave mode, audio signals may be hardwired around the device
since the input and output pins are open circuit. See Table 2.
5.1
Audio Quality
Figure 4 shows the recommended basic audio system layout using pre- and de-emphasis circuitry to maintain
good recovered speech quality. The Transmit mode,
Do Not pre-emphasize the audio output of the MX214.
In the Receive mode, de-emphasis should be used after the MX214.
Amplitude
Control
Pre-emphasis
MX214
Tx
Rx
MX214
De-emphasis
Amplitude
Control
(Optional)
Frequency
Inverter
Frequency
Inverter
(Optional)
Flat Amplitude
Channel
300-3400Hz
Figure 4: Recommended Basic Communication Audio System Layout
Figure 5 shows the recommended basic audio system layout if it is necessary to install the MX214 within a
radio having pre- and de-emphasis circuitry as a standard. This is where post-emphasis access is not
possible in the transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com