Electronic Components Datasheet Search
  English  ▼

X  

MX214 Datasheet(PDF) 12 Page - CML Microcircuits

Part # MX214
Description  Variable Split Band Inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX214 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button MX214 Datasheet HTML 8Page - CML Microcircuits MX214 Datasheet HTML 9Page - CML Microcircuits MX214 Datasheet HTML 10Page - CML Microcircuits MX214 Datasheet HTML 11Page - CML Microcircuits MX214 Datasheet HTML 12Page - CML Microcircuits MX214 Datasheet HTML 13Page - CML Microcircuits MX214 Datasheet HTML 14Page - CML Microcircuits MX214 Datasheet HTML 15Page - CML Microcircuits MX214 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Variable Split Band Inverter
12
MX214/224
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480112.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6.1.3
Operating Characteristics
For the following conditions unless otherwise specified.
VDD = 5.0V @ TAMB = 25C
Audio Level 0dB ref. = 775mVRMS, Xtal/Clock Frequency = 1.0MHz
Notes
Min.
Typ.
Max.
Units
Static Values
Voltage
4.5
5.0
5.5
V
Current
Enabled
8
mA
Powersave
1.2
mA
Analog Input Impedances
Tx/Rx Input (Enabled)
100
k

Tx/Rx Input (Powersave)
1
M

Balanced Modulator
40
k

Analog Output Impedances
Rx Output (Tx Mode)
100
k

Rx Output (Rx Mode)
2
k

Rx Output (Powersave)
1
M

Tx Output (Tx Mode)
2
k

Tx Output (Rx Mode)
100
k

Tx Output (Powersave)
1
M

Input LPF
1
k

Digital Values
Digital Input Impedance
100
k

Dynamic Values
Input Logic ‘1’
3.5
V
Input logic ‘0’
1.5
V
Xtal/Clock Frequency
1
MHz
Analog Input Level
-18
6
dB
Carrier Breakthrough
1
-55
dB
Baseband Breakthrough
1, 2, 3
-33
dB
Filter Clock Breakthrough
1, 2, 3
-50
dB
Output Noise
1, 4
-45
dB
Passband Characteristics
Clear Mode
7
Passband Gain
0
dB
Output Lower 3dB Point (Rx or Tx)
300
Hz
Output Upper 3dB Point (Rx or Tx)
3400
Hz
Scramble-Descramble
5
Received Signal Passband Gain
6
0
dB
Received Signal Lower 3dB Point
400
Hz
Received Signal Upper 3dB Point
2700
Hz
Transmitted Signal Lower 3dB Point
300
Hz
Transmitted Signal Upper 3dB Point
3400
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com