Electronic Components Datasheet Search
  English  ▼

X  

EV0181 Datasheet(PDF) 5 Page - CML Microcircuits

Part # EV0181
Description  User Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV0181 Datasheet(HTML) 5 Page - CML Microcircuits

  EV0181 Datasheet HTML 1Page - CML Microcircuits EV0181 Datasheet HTML 2Page - CML Microcircuits EV0181 Datasheet HTML 3Page - CML Microcircuits EV0181 Datasheet HTML 4Page - CML Microcircuits EV0181 Datasheet HTML 5Page - CML Microcircuits EV0181 Datasheet HTML 6Page - CML Microcircuits EV0181 Datasheet HTML 7Page - CML Microcircuits EV0181 Datasheet HTML 8Page - CML Microcircuits EV0181 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Evaluation Kit User Manual for CMX018
EV0181
© 1999 Consumer Microcircuits Limited
5
UM0181/1
1.3
Quick Start
This section provides instructions for users who wish to experiment immediately with the evaluation
kit. A fuller description of the kit and its use appears later in this document.
1.3.1
Setting-Up
The EV0181 comes pre-configured for an RF operating frequency of
≈≈ 860MHz. The receiver is
enabled and configured for low LNA gain.
Using suitable coaxial cable and adapters, connect RFIN, J1, to the 50
Ω input of a Radio
Communications test set, or similar.
Ensure this input level does not exceed the power levels
specified in the target device data sheet.
Apply power to the input supply connector, J3, from a suitable 6-12V dc power supply.
Configure the Radio Communications test set to generate a 1kHz RF modulated input at 860MHz. Set
the power level to -60dBm and modulation level to 100kHz.
RSSI and AUDOUT can be monitored at TP4 and TP10, respectively. Alternatively carrier detect and
data can be monitored at CDN and DATAOPN, TP1 and TP2, respectively.
Using a DVM, monitor the dc voltage at RSSI. Set the RF operating frequency (860 - 935 MHz) by
slowly adjusting the frequency potentiometer, RV1. Adjust RV1 until the dc level at RSSI is maximum.
RV1 may need to be adjusted several times due to drift and settling time of the potentiometer.
The dc voltage measured at RSSI will be typically 0.7V (low gain mode) for an RF input level of
-
60dBm.
The recovered 1kHz tone measured at AUDOUT will be typically 0.5Vrms for a modulation level of
100kHz.
Operate switch SW1:1 to enable the receiver and switch SW1:2 to toggle between high and low LNA
gain modes.
1.3.2
Adjustments
To tune the 10.7MHz quadrature tank circuit slowly turn the capacitor trimmer, CV1.
A new RF operating frequency can be obtained by adjusting the trimmer potentiometer, RV1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com