Electronic Components Datasheet Search
  English  ▼

X  

EV0181 Datasheet(PDF) 6 Page - CML Microcircuits

Part # EV0181
Description  User Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV0181 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button EV0181 Datasheet HTML 2Page - CML Microcircuits EV0181 Datasheet HTML 3Page - CML Microcircuits EV0181 Datasheet HTML 4Page - CML Microcircuits EV0181 Datasheet HTML 5Page - CML Microcircuits EV0181 Datasheet HTML 6Page - CML Microcircuits EV0181 Datasheet HTML 7Page - CML Microcircuits EV0181 Datasheet HTML 8Page - CML Microcircuits EV0181 Datasheet HTML 9Page - CML Microcircuits EV0181 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Evaluation Kit User Manual for CMX018
EV0181
© 1999 Consumer Microcircuits Limited
6
UM0181/1
1.4
Signal Lists
CONNECTOR PINOUT
Connector
Ref.
Connector
Pin No.
Signal
Name
Signal
Type
Description
J1
1
RFIN
I/P
CMX018 RF Input
J2
1
OSCIN
I/P
Optional Local Oscillator Input
J3
1
V
IN
Power
+ve power from external power supply
2
V
SS
Power
0V power from external power supply
TEST POINTS
Test Point
Ref.
Default
Measurement
Description
TP1
-
Carrier Detect output (CDN)
TP2
-
Data output (DATAOPN)
TP3
0V
V
SS connection
TP4
-
CMX018 RSSI output, pin 14.
TP5
0V
V
SS connection
TP6
-
CMX018 DETOUT output, pin 18.
TP7
0V
V
SS connection
TP8
0V
V
SS connection
TP9
0V
V
SS connection
TP10
-
Amplified DETOUT output (AUDOUT)
TP11
-
CMX018 Buffered Oscillator output, pin 21.
TP12
0V
V
SS connection
TP13
0V
V
SS connection
TP14
-
Frequency Control Voltage
TP15
3V
AV
DD connection
TP16
3V
AV
DD connection
TP17
0V
V
SS connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com