Electronic Components Datasheet Search
  English  ▼

X  

EV0181 Datasheet(PDF) 1 Page - CML Microcircuits

Part # EV0181
Description  User Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV0181 Datasheet(HTML) 1 Page - CML Microcircuits

  EV0181 Datasheet HTML 1Page - CML Microcircuits EV0181 Datasheet HTML 2Page - CML Microcircuits EV0181 Datasheet HTML 3Page - CML Microcircuits EV0181 Datasheet HTML 4Page - CML Microcircuits EV0181 Datasheet HTML 5Page - CML Microcircuits EV0181 Datasheet HTML 6Page - CML Microcircuits EV0181 Datasheet HTML 7Page - CML Microcircuits EV0181 Datasheet HTML 8Page - CML Microcircuits EV0181 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
EV0181
Evaluation Kit
User Manual
© 1999 Consumer Microcircuits Limited
UM0181/1 July 1999
Advance Information
1.0
Features
•• CMX018 Product Demonstration
•• Simple and Easy to Use Controls
•• 860 - 935 MHz Operation
•• Flexible VCO
•• Single 6 - 12 V Power Supply
•• Optional Local Oscillator Input
•• Audio Amplifier and Data Interface
•• Footprint for Front End SAW Filter
1.1
Brief Description
The EV0181 Evaluation Kit comprises a single board containing the CMX018 UHF FM/FSK receiver,
frequency potentiometer, VCO tank circuitry, IF filters, 79.3MHz overtone Colpitts crystal oscillator, tuned
10.7MHz quadrature tank circuit, miniature control switches and audio amplifier.
A multi-turn potentiometer allows the user to select an RF operating frequency between 860 - 935 MHz. The
operating bandwidth and centre frequency can be optimised by modifying the VCO tank components.
The board is powered from a single 6 - 12 V dc power supply. Regulation circuitry sets the analog(AV
DD)
supply for 3V operation. CMX018 supply current may be measured by removing the appropriate jumper.
A low profile 2-way DIL switch controls the device enable and gain select lines.
Links, test points and SMA connector provide access to various points in the circuit.
PCB footprints are provided to allow an external local oscillator to be connected to overcome settling time and
frequency drift due to the frequency control potentiometer.


Similar Part No. - EV0181

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EV01 OMRON-EV01 Datasheet
1Mb / 12P
Sensor Evaluation Board
2019
logo
List of Unclassifed Man...
EV0100 ETC-EV0100 Datasheet
102Kb / 2P
SINGLE TONE SIREN/ALARM SOUND GENERATOR
logo
CML Microcircuits
EV0171 CMLMICRO-EV0171 Datasheet
970Kb / 16P
Evaluation Kit User Manual
logo
Microchip Technology
EV01G21A MICROCHIP-EV01G21A Datasheet
7Mb / 40P
PIC18F56Q71 Curiosity Nano Hardware User Guide
01/2023 Rev. A
More results

Similar Description - EV0181

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
M68060 User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
USER MANUAL
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
LPC800 User manual
Rev. 1.0-7 November 2012
logo
STMicroelectronics
UM1486 STMICROELECTRONICS-UM1486 Datasheet
889Kb / 12P
UM1486 User manual
02-Nov-2011
logo
ATMEL Corporation
E1106 ATMEL-E1106 Datasheet
480Kb / 14P
E1106 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
WIZ820io User Manual
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
User manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com