Electronic Components Datasheet Search
  English  ▼

X  

EV0181 Datasheet(PDF) 9 Page - CML Microcircuits

Part # EV0181
Description  User Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV0181 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button EV0181 Datasheet HTML 5Page - CML Microcircuits EV0181 Datasheet HTML 6Page - CML Microcircuits EV0181 Datasheet HTML 7Page - CML Microcircuits EV0181 Datasheet HTML 8Page - CML Microcircuits EV0181 Datasheet HTML 9Page - CML Microcircuits EV0181 Datasheet HTML 10Page - CML Microcircuits EV0181 Datasheet HTML 11Page - CML Microcircuits EV0181 Datasheet HTML 12Page - CML Microcircuits EV0181 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Evaluation Kit User Manual for CMX018
EV0181
© 1999 Consumer Microcircuits Limited
9
UM0181/1
J3
R25
C38
R20
U3
R7
R2
R1
C31
C37
D2
R5
R21
C8
DETOUT
TP6
TP10
AUDOUT
VSS
TP9
R19
C53
TP2
DATAOPN
U1
TP1
CDN
R17
TP3
VSS
TP5
VSS
Y1
C50
L1
L3
L9
C4
C52
C40
C51
R6
R3
CV1
L4
R11
C13
TP4
RSSI
C5
C2
L10
U2
C11
Y2
RF IN
J1
C41
SW1
TP7
VSS
C43
L2
C44
R10
TP8
VSS
R13
D1
R23
L8
TP14
RV1
C26
C35
X1
L6
C25
TP12
VSS
TP11
OSCOUT
C23
C21
C17
L11
L7
C18
PR1
C29
C54
C22
C12
C19
R24
AVDD
TP16
JP2
C34
AVDD
TP15
TP17
VSS
U4
JP1
C39
VSS
TP13
5
Board Mod
4
3
2
1
VIN
VSS
FREQUENCY
3.00" (76.2mm)
3.00"
(76.2mm)
Note: Board material is FR4
Figure 3 Evaluation Board Layout - Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com