Electronic Components Datasheet Search
  English  ▼

X  

EV0181 Datasheet(PDF) 7 Page - CML Microcircuits

Part # EV0181
Description  User Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV0181 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button EV0181 Datasheet HTML 3Page - CML Microcircuits EV0181 Datasheet HTML 4Page - CML Microcircuits EV0181 Datasheet HTML 5Page - CML Microcircuits EV0181 Datasheet HTML 6Page - CML Microcircuits EV0181 Datasheet HTML 7Page - CML Microcircuits EV0181 Datasheet HTML 8Page - CML Microcircuits EV0181 Datasheet HTML 9Page - CML Microcircuits EV0181 Datasheet HTML 10Page - CML Microcircuits EV0181 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Evaluation Kit User Manual for CMX018
EV0181
© 1999 Consumer Microcircuits Limited
7
UM0181/1
JUMPERS
Link
Ref.
Positions
Default
Position
Description
JP1
1-2
S
/C
Disconnect to measure AV
DD2 current
JP2
1-2
S
/C
Disconnect to measure AV
DD1 current
ADJUSTMENTS
Adjustment
Ref.
Adjustment
Adjustment
Range
Description
CV1
Sensitivity
5pF - 30pF
10.7MHz Quadrature Tank Circuit Tuning
RV1
Frequency
0 - 3V
RF Operating Frequency Control
SWITCHES
Switch
Ref.
Positions
Default
Position
Description
SW1:1
on/off
on
CMX018 Enable
SW1:2
on/off
on
CMX018 Gain Select
Notes: I/P
=
Input
O/P
=
Output
BI
=
Bidirectional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com