Electronic Components Datasheet Search
  English  ▼

X  

EV6000 Datasheet(PDF) 4 Page - CML Microcircuits

Part # EV6000
Description  CML Semiconductor Products
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6000 Datasheet(HTML) 4 Page - CML Microcircuits

  EV6000 Datasheet HTML 1Page - CML Microcircuits EV6000 Datasheet HTML 2Page - CML Microcircuits EV6000 Datasheet HTML 3Page - CML Microcircuits EV6000 Datasheet HTML 4Page - CML Microcircuits EV6000 Datasheet HTML 5Page - CML Microcircuits EV6000 Datasheet HTML 6Page - CML Microcircuits EV6000 Datasheet HTML 7Page - CML Microcircuits EV6000 Datasheet HTML 8Page - CML Microcircuits EV6000 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Evaluation Kit User Manual for PIC Board
EV6000
© 1996 Consumer Microcircuits Limited
4
UM6000/3
1.2
Preliminary Information
1.2.1
Laboratory Equipment
The following laboratory equipment is needed to use this evaluation kit:
1.2.1.1 8 - 35V DC Power Supply
(which can also be used to supply the programming voltage, if set to 13V).
1.2.1.2 Either an IBM compatible PC; 20MHz '386 or better, running Microsoft Windows 3.11 / '95 / NT with a
terminal emulation program, having a configuration of 8 data bits, no parity, 1 stop bit and 19,200 baud
with hardware handshake but without CR -> CR/LF conversion.
The following laboratory equipment is needed to re-program the PIC
µC in this evaluation kit:
1.2.1.3 If the evaluation kit is to be programmed via the serial port (J3), then a PC running DOS, or a DOS
window under Windows 3.11 or '95, will need to be used with the PIC programming software supplied
(PICPROGA.EXE).
1.2.1.4 As an alternative to on-board programming, a PIC 16-series Development System (available from
Arizona Microchip Technology), or a suitable PIC programmer, together with PIC development
software, may be preferred.
1.2.1.5 MPASM assembler or MPLAB software is required for re-assembling the source code. These tools are
available from Arizona Microchip Technology.
1.2.2
Handling Precautions
Like most evaluation kits, this product is designed for use in office and laboratory environments. The
following practices will help ensure its proper operation.
1.2.2.1 Static Protection
This product uses low power CMOS circuits which may be damaged by electrostatic discharge.
Partially damaged circuits may function erroneously, leading to misleading results. Observe ESD
precautions at all times when handling this product.
1.2.2.2 Contents - Unpacking
Please ensure that you have received all of the items listed on the separate information sheet
(EK6000) and notify CML within 7 working days if the delivery is incomplete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com