Electronic Components Datasheet Search
  English  ▼

X  

EV6000 Datasheet(PDF) 7 Page - CML Microcircuits

Part # EV6000
Description  CML Semiconductor Products
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6000 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button EV6000 Datasheet HTML 3Page - CML Microcircuits EV6000 Datasheet HTML 4Page - CML Microcircuits EV6000 Datasheet HTML 5Page - CML Microcircuits EV6000 Datasheet HTML 6Page - CML Microcircuits EV6000 Datasheet HTML 7Page - CML Microcircuits EV6000 Datasheet HTML 8Page - CML Microcircuits EV6000 Datasheet HTML 9Page - CML Microcircuits EV6000 Datasheet HTML 10Page - CML Microcircuits EV6000 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Evaluation Kit User Manual for PIC Board
EV6000
© 1996 Consumer Microcircuits Limited
7
UM6000/3
CONNECTOR PINOUT -
µµC BOARD
Connector
Ref.
Connector
Pin No.
Signal
Name
Signal
Type
Description
14 to 18 inc
-
-
Not used. No connection needed.
19, 20
VSS
Power
0V power from external power supply.
J3
1
DCD
Output
PC connection (linked to DTR).
2
RXD
Output
PC connection to screen.
3
TXD
Input
PC connection to keyboard.
4
DTR
Input
PC connection.
5
VSS
Power
0V common connection to PC.
6
DSR
Output
PC connection (linked to DTR).
7
RTS
Input
PC 'RTS' connection.
8
CTS
Output
PC 'CTS' connection.
9
-
-
Not used. No connection needed.
J4
1
VSS
Power
0V power from external power supply.
2
VIN
Power
+ve power from external power supply.
TEST POINTS -
µµC BOARD
Test Point
Ref.
Default
Measurement
Description
TP1
8 - 35V
VIN connection.
TP2
3.3V or 5.0V
VDD connection.
TP3
0V
VSS connection.
TP4
0V
VSS connection.
TP5
3.3V or 5.0V
VPP connection (13.0V in programming mode).
JUMPERS -
µµC BOARD
Link
Ref.
Positions
Default
Position
Description
JP1
1-2 or 2-3
2-3
Sets VDD = 3.3V (1-2) or VDD = 5.0V (2-3)
JP2_1,2
1-2
1-2
Disconnect to supply external clock to JP2_1 (1).
JP3
1-2
1-2
Connects TXD to RS232 converter in normal use.
JP4 to JP7
1-2
n/f
Only fitted (and JP3 removed) in Programming Mode.
SW1
-
o/c
Push to reset switch. (Default = o/c = not reset).
Notes:
I/P = Input
O/P = Output
BI = Bidirectional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com