Electronic Components Datasheet Search
  English  ▼

X  

EV6000 Datasheet(PDF) 10 Page - CML Microcircuits

Part # EV6000
Description  CML Semiconductor Products
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6000 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button EV6000 Datasheet HTML 6Page - CML Microcircuits EV6000 Datasheet HTML 7Page - CML Microcircuits EV6000 Datasheet HTML 8Page - CML Microcircuits EV6000 Datasheet HTML 9Page - CML Microcircuits EV6000 Datasheet HTML 10Page - CML Microcircuits EV6000 Datasheet HTML 11Page - CML Microcircuits EV6000 Datasheet HTML 12Page - CML Microcircuits EV6000 Datasheet HTML 13Page - CML Microcircuits EV6000 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Evaluation Kit User Manual for PIC Board
EV6000
© 1996 Consumer Microcircuits Limited
10
UM6000/3
1.6
Detailed Description
1.6.1
Hardware Description
1.6.1.1 Operating Voltage
The selection of operating voltage (VDD = 3.3V or 5.0V) by jumper JP1 affects the choice of
component values around the evaluation device on the EV6020 or EV6040 Evaluation Kit. Care should
be taken to ensure that JP1 is set the same way as jumpers JP1, JP3, JP4, JP5, JP6 and JP7 on the
EV6020 or EV6040 Evaluation Kit.
1.6.1.2 Clock/Oscillator
A 4MHz xtal is the highest frequency xtal that may be used with a PIC16LC74(A)JW at
VDD = 3.3V. The PIC 16C74(A)JW has a similar limitation and is fitted for availability reasons.
Although rated at 5.0V, it has been found to work successfully at 3.3V. Two jumpers JP2, which are
normally fitted, select an on-board 4MHz xtal. An external 3.58MHz clock, for example, may be
supplied to JP2_1 (1) once the jumpers have been removed, taking care to adjust any firmware timing
routines accordingly.
1.6.1.3 RS232 Interface
The RS232 interface (connector J3) has its communications protocol determined by the
µC firmware.
A suggested configuration is 8 data bits, no parity, 1 stop bit and 19,200 baud with hardware
handshake but without CR -> CR/LF conversion. Linefeeds are provided by the EV6000 firmware.
The firmware supplied in the PIC
µC assumes this configuration.
1.6.1.4 Programming Mode
TO ENTER PROGRAMMING MODE
(a) Remove power from board
(b) Disconnect the EV6000 from other Evaluation Kits
(c) Ensure jumper JP1 is fitted in position 2,3 for VDD = 5.0V
(d) Remove link on jumper JP3
(e) Insert links on jumpers JP4, JP5, JP6 and JP7
(f) Re-apply power to board
(g) Connect the programming voltage (VPP = 12.5V to 13.5V) power supply between test point
TP5 (+ve) and VSS (-ve)
(h) Ensure the PIC
µC programming utility PICPROGA.EXE is loaded into the PC under DOS
and the PC is connected to the evaluation kit
(i) Download firmware into the PIC
µC and verify it
TO LEAVE PROGRAMMING MODE
(a) Remove power from board (including the programming voltage)
(b) Remove links on jumpers JP4, JP5, JP6 and JP7
(c) Insert a link on jumper JP3
(d) Reconnect jumper JP1 in its original position
(e) Reconnect the EV6000 to the other Evaluation Kits, checking that the voltage selection
jumpers are correctly set
(f) Ensure the terminal emulator program is running on the PC
(g) Re-apply power to board and run
µC firmware via the PC terminal emulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com