Electronic Components Datasheet Search
  English  ▼

X  

EV6000 Datasheet(PDF) 15 Page - CML Microcircuits

Part # EV6000
Description  CML Semiconductor Products
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6000 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button EV6000 Datasheet HTML 10Page - CML Microcircuits EV6000 Datasheet HTML 11Page - CML Microcircuits EV6000 Datasheet HTML 12Page - CML Microcircuits EV6000 Datasheet HTML 13Page - CML Microcircuits EV6000 Datasheet HTML 14Page - CML Microcircuits EV6000 Datasheet HTML 15Page - CML Microcircuits EV6000 Datasheet HTML 16Page - CML Microcircuits EV6000 Datasheet HTML 17Page - CML Microcircuits EV6000 Datasheet HTML 18Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Evaluation Kit User Manual for PIC Board
EV6000
© 1996 Consumer Microcircuits Limited
15
UM6000/3
cidcw
This demonstration covers both the BT and Bellcore off-hook caller ID services. The
CAS detection algorithm runs as detailed for cas but once the DTMF
acknowledgement is sent the FX602 is set to receive mode and the FSK data is
displayed in the form of these examples:
>80,02,01376-513833.01,03101415.11,01,.00,
1, 2, 3,
2, 3,
2, 3,
4.
where 1 is the Message type word
2 is the Parameter type word
3 is the Parameter characters or data
4 is the Result of the checksum
or in the following form:
>80,A parameter.00,
1, 2,
3.
where 1 is the Message type word
2 is the Message characters or data
3 is the Result of the checksum
On the EV6020 board, the line termination resistor R20 (
≈ 600Ω) should be fitted.
Note that this software does not present an off hook dc load to the line.
clip
This demonstration covers the BT on-hook service initiated by a line reversal. On the
EV6020 board, JP1 should be in position 2-3 for detection of a line reversal. The idle
condition is with the FX602 in zero power mode and with IRQN enabled. When a line
reversal is detected the FX602 is set to tone alert mode. Once the alert tone is
detected the FX602 is set to receive FSK data, which is displayed in the same way as
for cidcw.
On the EV6020 board, relay 2 is energised for 15ms during the silent period between
the alert tone and the FSK data. A resistor can be fitted in the R26 position to provide
a current wetting pulse. Relay 3 is energised during the FSK receive period.
Components can be fitted in positions R30, R36 and C10 to provide an ac termination
to the line.
cid
This demonstration covers the Bellcore on-hook service associated with ringing. On
the EV6020 board, JP1 should be in position 1-2 for detection of ringing. The idle
condition is with the FX602 in zero power mode and with IRQN enabled. A detect
pulse of duration < 500ms is assumed to be a line reversal and is ignored. When a
burst of ringing current is detected the FX602 is set to receive FSK data, which is
displayed in the same way as for cidcw.
On the EV6020 board, relay 3 is energised during the FSK receive period.
Components can be fitted in positions R30, R36 and C10 to provide an ac termination
to the line.
ntt
This demonstration covers the NTT on-hook service associated with ringing. On the
EV6020 board, JP1 should be in position 1-2 for detection of ringing. The idle
condition is with the FX602 in zero power mode and with IRQN enabled. A detect
pulse of duration < 500ms is assumed to be a line reversal and is ignored. When a
burst of ringing current is detected the FX602 is set to receive FSK data, which is
displayed in the form of the following example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com