Electronic Components Datasheet Search
  English  ▼

X  

EV6000 Datasheet(PDF) 1 Page - CML Microcircuits

Part # EV6000
Description  CML Semiconductor Products
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6000 Datasheet(HTML) 1 Page - CML Microcircuits

  EV6000 Datasheet HTML 1Page - CML Microcircuits EV6000 Datasheet HTML 2Page - CML Microcircuits EV6000 Datasheet HTML 3Page - CML Microcircuits EV6000 Datasheet HTML 4Page - CML Microcircuits EV6000 Datasheet HTML 5Page - CML Microcircuits EV6000 Datasheet HTML 6Page - CML Microcircuits EV6000 Datasheet HTML 7Page - CML Microcircuits EV6000 Datasheet HTML 8Page - CML Microcircuits EV6000 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CML Semiconductor Products
Evaluation Kit User Manual
EV6000
© 1996 Consumer Microcircuits Limited
UM6000/3 November 1996
1.0
Features
Advance Information
••
For use with EV6020 and
EV6040
••
Diagnostic Firmware/Software
••
Executes Applications Software
for FX602, FX604 and FX614
••
On-Board PIC Programming with
Serial Interface and PC Software
••
Serial (RS232) Interface to a PC
••
Single Power Supply Operation
••
Socketed PIC 16-Series
µµC
••
On-Board Supply Regulator
1.1
Brief Description
This board is designed for use with the CML EV6020 and EV6040 Evaluation Kits, which are in turn
used for evaluation of the FX602, FX604 and FX614 products. The EV6000 Evaluation Kit comprises
one board containing a socket for a UV-erasable PIC
µC which the user may program and control via
the RS232 serial interface. With the aid of suitable applications software, the user can demonstrate the
use of the FX602, FX604 or FX614 in telecommunications applications. The EV6000 board may be
powered from a single 8 - 35V dc power supply; an on-board regulator sets 3.3V or 5.0V operation.
The PIC
µC may be driven from an external clock, or from its own crystal oscillator. Test point hooks
provide access to programming voltages. Space has been left for the user to ZIF-socket the PIC
µC, if
required. Interconnecting cables are provided for an RS232 link to a PC and for 20-way flat cable
connections to other CML evaluation kits or other parts of a user's system.
This EV6000 Evaluation Kit is designed to be a general purpose product which may be used to support
other CML evaluation kits in the future. Applications software is being regularly updated and users
should contact CML for further details.


Similar Part No. - EV6000

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EV600 TEC-EV600 Datasheet
412Kb / 6P
Kilovac EV600 High Voltage Contactor
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6001DN-00B MPS-EV6001DN-00B Datasheet
234Kb / 7P
Monolithic Flyback/Forward DC-DC Converter EV Board
EV6001DN-00C MPS-EV6001DN-00C Datasheet
258Kb / 5P
Monolithic Buck DC-DC Converter EV Board
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
WLED Driver Evaluation Board
More results

Similar Description - EV6000

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
Motorola, Inc
EB346 MOTOROLA-EB346 Datasheet
246Kb / 6P
Semiconductor Products Sector Engineering Bulletin
logo
List of Unclassifed Man...
MDE-7D180M ETC-MDE-7D180M Datasheet
85Kb / 1P
MDE Semiconductor, Inc. Circuit Protection Products
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
logo
Toshiba Semiconductor
TC58NVG3S0FTA00 TOSHIBA-TC58NVG3S0FTA00 Datasheet
39Kb / 1P
Semiconductor & Storge Products Company
THGBM5G7A2JBAIM TOSHIBA-THGBM5G7A2JBAIM Datasheet
200Kb / 1P
Semiconductor & Storage Products Company
logo
Rohm
BU9435KV-E2 ROHM-BU9435KV-E2 Datasheet
173Kb / 4P
PRODUCTS SEMICONDUCTOR LSI
logo
KEC(Korea Electronics)
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
logo
Toshiba Semiconductor
TX58TEGXDDKTAX0 TOSHIBA-TX58TEGXDDKTAX0 Datasheet
2Mb / 121P
Semiconductor & Storage Products
2013-07-10 Rev. 0.6
logo
NXP Semiconductors
MC68HC908EY16 NXP-MC68HC908EY16 Datasheet
391Kb / 12P
Semiconductor Products Sector Product Summary Rev 1.0
Rev 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com