Electronic Components Datasheet Search
  English  ▼

X  

LM27402 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27402
Description  High Performance Synchronous Buck Controller with DCR Current Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27402 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM27402 Datasheet HTML 14Page - National Semiconductor (TI) LM27402 Datasheet HTML 15Page - National Semiconductor (TI) LM27402 Datasheet HTML 16Page - National Semiconductor (TI) LM27402 Datasheet HTML 17Page - National Semiconductor (TI) LM27402 Datasheet HTML 18Page - National Semiconductor (TI) LM27402 Datasheet HTML 19Page - National Semiconductor (TI) LM27402 Datasheet HTML 20Page - National Semiconductor (TI) LM27402 Datasheet HTML 21Page - National Semiconductor (TI) LM27402 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
30092623
FIGURE 13. Control Loop Schematic Diagram
The powertrain consists of the filter inductor (L) with DCR
(R
DCR), output capacitor (COUT) with ESR (effective series re-
sistance R
ESR), and effective load resistance (RO). The error
amplifier (EA) regulates the feedback pin (FB) to 0.6V. The
passive compensation components around the error amplifier
help maintain system stability. Type III compensation is
shown in Figure 13. The PWM modulator establishes the duty
cycle command by comparing the error amplifier output
(COMP) with an internally generated ramp set at the switching
frequency.
The modulator gain, powertrain and compensator transfer
functions must be taken into consideration when obtaining the
total open loop transfer function. The PWM modulator adds a
DC gain to the open loop transfer function. In a basic voltage
mode system, the PWM gain will vary with input voltage.
However the LM27402 internal voltage feed-forward circuitry
maintains a constant PWM gain of 7:
The powertrain transfer function includes the output inductor
with DCR, output capacitor with ESR, and load resistance.
The inductor and capacitor create two complex poles at a fre-
quency described by:
A left half plane zero is created by the output capacitor ESR
located at a frequency described by:
The complete powertrain transfer function is:
The bode plot of the above transfer function can be seen in
Figure 14.
30092698
FIGURE 14. Powertrain Bode Plot
The complex poles (f
LC) created by the filter inductor and out-
put capacitor cause a 180° phase shift as seen in Figure 14.
The phase is boosted back up to -90° by virtue of the output
capacitor ESR zero. The phase shift caused by the complex
poles must be compensated to stabilize the loop response.
The compensation network shown around the error amplifier
in Figure 13 creates two poles, two zeros and a pole at the
origin. Placing these poles and zeros at the correct frequen-
cies will optimize the loop response. The compensator trans-
fer function is:
The pole located at the origin provides high DC gain to opti-
mize DC load regulation performance. The other two poles
and two zeros can be located accordingly to stabilize the volt-
age mode loop depending on the power stage complex poles
and damping characteristic Q. Figure 15 is an illustration of
what the error amplifier compensation transfer function will
look like.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com