Electronic Components Datasheet Search
  English  ▼

X  

LM27402 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27402
Description  High Performance Synchronous Buck Controller with DCR Current Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27402 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM27402 Datasheet HTML 8Page - National Semiconductor (TI) LM27402 Datasheet HTML 9Page - National Semiconductor (TI) LM27402 Datasheet HTML 10Page - National Semiconductor (TI) LM27402 Datasheet HTML 11Page - National Semiconductor (TI) LM27402 Datasheet HTML 12Page - National Semiconductor (TI) LM27402 Datasheet HTML 13Page - National Semiconductor (TI) LM27402 Datasheet HTML 14Page - National Semiconductor (TI) LM27402 Datasheet HTML 15Page - National Semiconductor (TI) LM27402 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
30092622
FIGURE 2. Current Limit Timing Diagram
In the example shown in Figure 2, the LM27402 immediately
turns off the high-side FET when an over-current pulse is de-
tected. After the third over-current event is detected, 24
switching cycles occur before the fourth over-current pulse is
detected. Since the current limit logic does not count 32
switching cycles between two over-current events, the inter-
nal current limit counter is not reset and continues counting
until the LM27402 enters hiccup mode. The soft-start capac-
itor is then discharged to initialize startup and a wait period of
1.28 ms occurs.
NEGATIVE CURRENT LIMIT
To prevent excess negative current, the LM27402 imple-
ments a negative current limit through the low-side FET.
Negative current limit is only enabled when an over-voltage
event is detected. Should an over-voltage fault occur, the low-
side FET will turn off if the SW pin voltage exceeds a positive
100mV during the low-side on time, thereby protecting the
powertrain from excessive negative current.
POWER GOOD
The PGOOD pin of the LM27402 is used to signal when the
output is out of regulation or during non-regulated pre-biased
conditions. This means that current limit, UVLO, over-voltage
threshold, under-voltage threshold, or a non regulated output
will cause the PGOOD pin to pull low. To prevent glitches to
PGOOD, a 20
μs de-glitch filter is built into the LM27402.
Figure 3 illustrates when the PGOOD flag is asserted low.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com