Electronic Components Datasheet Search
  English  ▼

X  

LM27402 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27402
Description  High Performance Synchronous Buck Controller with DCR Current Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27402 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM27402 Datasheet HTML 1Page - National Semiconductor (TI) LM27402 Datasheet HTML 2Page - National Semiconductor (TI) LM27402 Datasheet HTML 3Page - National Semiconductor (TI) LM27402 Datasheet HTML 4Page - National Semiconductor (TI) LM27402 Datasheet HTML 5Page - National Semiconductor (TI) LM27402 Datasheet HTML 6Page - National Semiconductor (TI) LM27402 Datasheet HTML 7Page - National Semiconductor (TI) LM27402 Datasheet HTML 8Page - National Semiconductor (TI) LM27402 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OVER CURRENT
V
OFFSET
Comparator Voltage Offset
-5
0
5
mV
I
CS-
Current Limit Offset Current
V
CS- = 5V
9.5
10.0
10.5
µA
GATE DRIVE
R
DSON1
High-Side FET Driver Pull-Up On
Resistance
V
CBOOT - VSW = 4.7V, IHG =
+100 mA
1.7
Ω
R
DSON2
High-Side FET Driver Pull-Down On
Resistance
V
CBOOT - VSW = 4.7V, IHG =
-100 mA
1.2
Ω
R
DSON3
Low-Side FET Driver Pull-Up On
Resistance
V
VDD = 4.7V, ILG = +100 mA
1.7
Ω
R
DSON4
Low-Side FET Driver Pull-Down On
Resistance
V
VDD = 4.7V, ILG = -100 mA
1.0
Ω
T
DT
Deadtime Timeout
F
SW = 500 kHz
40
ns
SOFT-START
I
SS
Soft-Start Source Current
V
SS/TRACK = 0V
2
3
4
µA
R
SS_PD
Soft-Start Pull-Down Resistance
V
SS/TRACK = 0.6V
288
Ω
T
SS_INT
Internal Soft-Start Time
1.28
ms
POWERGOOD
I
PGS
PGOOD Low Sink Current
V
PGOOD = 0.2V, VFB = 0.75V
60
100
µA
I
PGL
PGOOD Leakage Current
V
PGOOD = 5V
1
10
µA
O
VT
Over-Voltage Threshold
V
FB Rising
114
117
120
%
O
VT_HYS
O
VT Hysteresis
V
FB Falling
2
%
U
VT
Under-Voltage Threshold
V
FB Rising
91
94
97
%
U
VT_HYS
U
VT Hysteresis
V
FB Falling
3
%
T
DEGLITCH
Deglitch Time
V
PGOOD Rising and Falling
20
µs
ENABLE
V
EN
Enable Logic High Threshold
V
EN Rising
1.10
1.17
1.24
V
V
EN_HYS
Enable Hysteresis
V
EN Falling
100
mV
I
EN
Enable Pin Pull-Up Current
V
EN = 0V
2
µA
FREQUENCY SYNCHRONIZATION
V
LH_SYNC
SYNC Pin Logic High
V
VDD = 4.7V
2.0
V
V
LL_SYNC
SYNC Pin Logic Low
V
VDD = 4.7V
0.8
V
SYNC
FSW_L
Minimum Clock Sync Frequency
200
kHz
SYNC
FSW_H
Maximum Clock Sync Frequency
1200
kHz
THERMAL SHUTDOWN
T
SHD
Thermal Shutdown
Temperature Rising
165
°C
T
SHD_HYS
Thermal Shutdown Hysteresis
Temperature Falling
15
°C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor to each pin.
Note 3: VDD is the output of an internal linear regulator. Under normal operating conditions where VIN is greater than 5.5V, VDD must not be connected to any
external voltage source. In an application where VIN is between 3.0V and 5.5V, it is recommended to connect VDD to VIN. In order to have better noise rejection
under these conditions, a 1
Ω and 1µF RC input filter may be used.
Note 4: Tested on a four layer JEDEC board. Four vias are provided under the LLP exposed pad and nine vias are provided under the eTSSOP exposed pad.
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com