Electronic Components Datasheet Search
  English  ▼

X  

LM27402 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27402
Description  High Performance Synchronous Buck Controller with DCR Current Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27402 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM27402 Datasheet HTML 24Page - National Semiconductor (TI) LM27402 Datasheet HTML 25Page - National Semiconductor (TI) LM27402 Datasheet HTML 26Page - National Semiconductor (TI) LM27402 Datasheet HTML 27Page - National Semiconductor (TI) LM27402 Datasheet HTML 28Page - National Semiconductor (TI) LM27402 Datasheet HTML 29Page - National Semiconductor (TI) LM27402 Datasheet HTML 30Page - National Semiconductor (TI) LM27402 Datasheet HTML 31Page - National Semiconductor (TI) LM27402 Datasheet HTML 32Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Designator
Type
Parameters
Part Number
Qty
Manufacturer
Q
L
N-CH MOSFET
20V, 100A, 64 nC, R
DS
(ON) @ 4.5V = 1.6 mΩ
BSC019N02KS
1
Infineon
Q
H
N-CH MOSFET
20V, 100A, 40 nC, R
DS
(ON) @ 4.5V = 2.1 mΩ
BSC026N02KS
1
Infineon
R
C1
Resistor
10.0 k
Ω, 1%, 0.1W
CRCW060310K0FKEA
1
Vishay
R
C2
Resistor
150Ω, 1%, 0.1W
CRCW0603150RFKEA
1
Vishay
R
DD
Resistor
1Ω, 5%, 0.1W
CRCW06031R00JNEA
1
Vishay
R
FADJ
Resistor
20.0 k
Ω, 1%, 0.1W
CRCW060320K0FKEA
1
Vishay
R
FB1
Resistor
20.0 k
Ω, 1%, 0.1W
CRCW060320K0FKEA
1
Vishay
R
FB2
Resistor
40.2 k
Ω, 1%, 0.1W
CRCW060340K2FKEA
1
Vishay
R
F
Resistor
2.2Ω, 5%, 0.1W
CRCW06032R20JNEA
1
Vishay
R
PGD
Resistor
51.1 k
Ω, 5%, 0.1W
CRCW060351K1JNEA
1
Vishay
R
S
Resistor
1.07 k
Ω, 1%, 0.1W
CRCW06031K07FKEA
1
Vishay
R
SET
Resistor
5.11 k
Ω, 1%, 0.1W
CRCW06035K11FKEA
1
Vishay
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com