Electronic Components Datasheet Search
  English  ▼

X  

ATA6613 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA6613
Description  Very Low Current Consumption in Sleep Mode
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6613 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA6613 Datasheet HTML 9Page - ATMEL Corporation ATA6613 Datasheet HTML 10Page - ATMEL Corporation ATA6613 Datasheet HTML 11Page - ATMEL Corporation ATA6613 Datasheet HTML 12Page - ATMEL Corporation ATA6613 Datasheet HTML 13Page - ATMEL Corporation ATA6613 Datasheet HTML 14Page - ATMEL Corporation ATA6613 Datasheet HTML 15Page - ATMEL Corporation ATA6613 Datasheet HTML 16Page - ATMEL Corporation ATA6613 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 364 page
background image
13
9111G–AUTO–05/10
ATA6612/ATA6613
The VCC regulator is switched off. NRES and RXD are low. The internal slave termination
between the LIN pin and VS pin is disabled, only a weak pull-up current (typically 10 µA)
between the LIN pin and the VS pin is present. Sleep Mode can be activated independently from
the current level on the LIN, WAKE, or KL_15 pin.
A voltage less than the LIN Pre_Wake detection VLINL at the LIN pin activates the internal LIN
receiver and switches on the internal slave termination between the LIN pin and the V
S pin.
A falling edge at the LIN pin followed by a dominant bus level maintained for a certain time
period (t
bus) and a following rising edge at pin LIN results in a remote wake-up request. The
device switches from Sleep Mode to Fail-safe Mode.
The VCC regulator is activated, and the remote wake-up request is indicated by a low level at
the RXD pin to interrupt the microcontroller (see Figure 3-6 on page 14).
EN high can be used to switch directly from Sleep/Silent to Fail-safe Mode. If EN is still high after
VCC ramp up and undervoltage reset time, the IC switches to the Normal Mode.
Figure 3-5.
Switch to Sleep Mode
3.3.20.4
Fail-safe Mode
The device automatically switches to Fail-safe Mode at system power-up. The voltage regulator
is switched on (VCC = 50 mA) (see Figure 3-7 on page 17). The NRES output switches to low
for t
res = 4 ms and gives a reset to the microcontroller. LIN communication is switched off. The IC
stays in this mode until EN is switched to high. The IC then changes to Normal Mode. A power
down of V
Batt (VS < 4V) during Silent or Sleep Mode switches the IC into Fail-safe Mode after
power up. A low at NRES switches into Fail-safe Mode directly. During Fail-safe Mode the TXD
pin is an output and signals the last wake-up source.
Delay time sleep mode
td_sleep = maximum 20 µs
LIN switches directly to recessive mode
td = 3.2 µs
LIN
VCC
NRES
TXD
EN
Sleep Mode
Normal Mode
Mode select window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com