Electronic Components Datasheet Search
  English  ▼

X  

ATA6613 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATA6613
Description  Very Low Current Consumption in Sleep Mode
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6613 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATA6613 Datasheet HTML 10Page - ATMEL Corporation ATA6613 Datasheet HTML 11Page - ATMEL Corporation ATA6613 Datasheet HTML 12Page - ATMEL Corporation ATA6613 Datasheet HTML 13Page - ATMEL Corporation ATA6613 Datasheet HTML 14Page - ATMEL Corporation ATA6613 Datasheet HTML 15Page - ATMEL Corporation ATA6613 Datasheet HTML 16Page - ATMEL Corporation ATA6613 Datasheet HTML 17Page - ATMEL Corporation ATA6613 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 364 page
background image
14
9111G–AUTO–05/10
ATA6612/ATA6613
3.3.20.5
Unpowered Mode
If you connect battery voltage to the application circuit, the voltage at the VS pin increases
according to the block capacitor (see Figure 3-7 on page 17). After VS is higher than the VS
undervoltage threshold VS
th, the IC mode changes from Unpowered Mode to Fail-safe Mode.
The VCC output voltage reaches its nominal value after t
VCC. This time, tVCC, depends on the
VCC capacitor and the load.
The NRES is low for the reset time delay t
reset. During this time, treset, no mode change is
possible.
Figure 3-6.
LIN Wake-up from Sleep Mode
Regulator wake-up time
Off state
On state
Low
Fail-safe Mode
Normal Mode
EN High
Microcontroller
start-up time delay
Reset
time
Low or floating
Floating
Watchdog
NRES
EN
VCC
voltage
regulator
RXD
LIN bus
Bus wake-up filtering time
tbus
TXD
Watchdog off
Start watchdog lead time td



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com