Electronic Components Datasheet Search
  English  ▼

X  

ATA6613 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA6613
Description  Very Low Current Consumption in Sleep Mode
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6613 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA6613 Datasheet HTML 17Page - ATMEL Corporation ATA6613 Datasheet HTML 18Page - ATMEL Corporation ATA6613 Datasheet HTML 19Page - ATMEL Corporation ATA6613 Datasheet HTML 20Page - ATMEL Corporation ATA6613 Datasheet HTML 21Page - ATMEL Corporation ATA6613 Datasheet HTML 22Page - ATMEL Corporation ATA6613 Datasheet HTML 23Page - ATMEL Corporation ATA6613 Datasheet HTML 24Page - ATMEL Corporation ATA6613 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 364 page
background image
21
9111G–AUTO–05/10
ATA6612/ATA6613
6.
Electrical Characteristics
5V < V
S < 27V, –40°C < Tcase < 125°C, –40°C < Tj < 150°C, unless otherwise specified. All values refer to GND pins
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
VS Pin
1.1
Nominal DC voltage
range
VS
V
S
527
V
A
1.2
Supply current in Sleep
Mode
Sleep Mode
V
LIN > VS – 0.5V
V
S < 14V (Tj = 25°C)
VS
I
VSsleep
310
14
µA
A
Sleep Mode
VLIN > VS – 0.5V
V
S < 14V (Tj = 125°C)
VS
IVSsleep
511
16
µA
A
1.3
Supply current in Silent
Mode
Bus recessive
V
S < 14V (Tj = 25°C)
Without load at VCC
VS
I
VSsi
47
57
67
µA
A
Bus recessive
V
S < 14V (Tj = 125°C)
Without load at VCC
VS
I
VSsi
56
66
76
µA
A
1.4
Supply current in Normal
Mode
Bus recessive
VS < 14V
Without load at VCC
VS
IVSrec
0.3
0.8
mA
A
1.5
Supply current in Normal
Mode
Bus dominant
V
S < 14V
VCC load current 50 mA
VS
I
VSdom
50
53
mA
A
1.6
Supply current in
Fail-safe Mode
Bus recessive
V
S < 14V
Without load at VCC
VS
I
VSfail
250
550
µA
A
1.7
VS undervoltage
threshold
VS
V
Sth
4.0
4.5
5
V
A
1.8
VS undervoltage
threshold hysteresis
VS
VSth_hys
0.2
V
A
2
RXD Output Pin
2.1
Low-level output sink
current
Normal Mode
VLIN =0V
VRXD =0.4V
RXD
IRXD
1.3
2.5
8
mA
A
2.2
Low-level output voltage IRXD = 1 mA
RXD
VRXDL
0.4
V
A
2.3
Internal resistor to VCC
RXD
RRXD
357
k
Ω
A
3
TXD Input/Output Pin
3.1
Low-level voltage input
TXD
VTXDL
–0.3
+0.8
V
A
3.2
High-level voltage input
TXD
VTXDH
2
VCC +
0.3V
VA
3.3
Pull-up resistor
V
TXD =0V
TXD
R
TXD
125
250
400
k
Ω
A
3.4
High-level leakage
current
V
TXD =VCC
TXD
I
TXD
–3
+3
µA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com