Electronic Components Datasheet Search
  English  ▼

X  

ATA6613 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA6613
Description  Very Low Current Consumption in Sleep Mode
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6613 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA6613 Datasheet HTML 1Page - ATMEL Corporation ATA6613 Datasheet HTML 2Page - ATMEL Corporation ATA6613 Datasheet HTML 3Page - ATMEL Corporation ATA6613 Datasheet HTML 4Page - ATMEL Corporation ATA6613 Datasheet HTML 5Page - ATMEL Corporation ATA6613 Datasheet HTML 6Page - ATMEL Corporation ATA6613 Datasheet HTML 7Page - ATMEL Corporation ATA6613 Datasheet HTML 8Page - ATMEL Corporation ATA6613 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 364 page
background image
5
9111G–AUTO–05/10
ATA6612/ATA6613
3.
LIN System-basis-chip Block
3.1
Features
• Master and Slave Operation Possible
• Supply Voltage up to 40V
• Operating voltage V
S = 5V to 27V
• Typically 10 µA Supply Current During Sleep Mode
• Typically 57 µA Supply Current in Silent Mode
• Linear Low-drop Voltage Regulator:
• Normal, Fail-safe, and Silent Mode
• V
CC = 5.0V ±2%
• In Sleep Mode V
CC is Switched Off
• VCC- Undervoltage Detection (4 ms Reset Time) and Watchdog Reset Logical Combined at Open
Drain Output NRES
• Negative Trigger Input for Watchdog
• Boosting the Voltage Regulator Possible with an External NPN Transistor
• LIN Physical Layer According to LIN 2.0, 2.1 Specification and SAEJ2602-2
• Wake-up Capability via LIN-bus, Wake Pin, or Kl_15 Pin
• INH Output to Control an External Voltage Regulator or to Switch off the Master Pull Up Resistor
• TXD Time-out Timer
• Bus Pin is Overtemperature and Short Circuit Protected versus GND and Battery
• Adjustable Watchdog Time via External Resistor
• Advanced EMC and ESD Performance
• ESD HBM 8 kV at Pins LIN and VS According to STM5.1
3.2
Description
The LIN-SBC is a fully integrated LIN transceiver, which complies with the LIN 2.1 and
SAEJ2602-2 specifications. It has a low-drop voltage regulator for 5V/50 mA output and a win-
dow watchdog.
The LIN-SBC are designed to handle the low-speed data communication in vehicles, e.g., in
convenience electronics. Improved slope control at the LIN-driver ensures secure data commu-
nication up to 20 kBaud. Sleep Mode and Silent Mode guarantee very low current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com