Electronic Components Datasheet Search
  English  ▼

X  

ATA6613 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATA6613
Description  Very Low Current Consumption in Sleep Mode
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6613 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATA6613 Datasheet HTML 14Page - ATMEL Corporation ATA6613 Datasheet HTML 15Page - ATMEL Corporation ATA6613 Datasheet HTML 16Page - ATMEL Corporation ATA6613 Datasheet HTML 17Page - ATMEL Corporation ATA6613 Datasheet HTML 18Page - ATMEL Corporation ATA6613 Datasheet HTML 19Page - ATMEL Corporation ATA6613 Datasheet HTML 20Page - ATMEL Corporation ATA6613 Datasheet HTML 21Page - ATMEL Corporation ATA6613 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 364 page
background image
18
9111G–AUTO–05/10
ATA6612/ATA6613
3.3.24
Watchdog
The watchdog anticipates a trigger signal from the microcontroller at the NTRIG (negative edge)
input within a time window of T
wd . The trigger signal must exceed a minimum t i me
t
trigmin > 200 ns. If a triggering signal is not received, a reset signal will be generated at output
NRES. After a watchdog reset the IC starts with the lead time. The timing basis of the watchdog
is provided by the internal oscillator. Its time period, T
osc, is adjustable via the external resistor
R
wd_osc (34 kΩ to 120 kΩ).
During Silent or Sleep Mode the watchdog is switched off to reduce current consumption.
The minimum time for the first watchdog pulse is required after the undervoltage reset at NRES
disappears. It is defined as lead time t
d. After wake up from Sleep or Silent Mode, the lead time
t
d starts with the negative edge of the RXD output.
3.3.24.1
Typical Timing Sequence with R
WD_OSC = 51 kΩ
The trigger signal T
wd is adjustable between 20 ms and 64 ms using the external resistor
R
WD_OSC.
For example, with an external resistor of R
WD_OSC = 51 kΩ ±1%, the typical parameters of the
watchdog are as follows:
t
osc = 0.405 × RWD_OSC – 0.0004 × (RWD_OSC)
2 (R
WD_OSC in kΩ; tosc in µs)
t
OSC = 19.6 µs due to 51 kΩ
t
d = 7895 × 19.6 µs = 155 ms
t
1 = 1053 × 19.6 µs = 20.6 ms
t
2 = 1105 × 19.6 µs = 21.6 ms
t
nres = constant = 4 ms
After ramping up the battery voltage, the 3.3V/5V regulator is switched on. The reset output
NRES stays low for the time t
reset (typically 4 ms), then it switches to high, and the watchdog
waits for the trigger sequence from the microcontroller. The lead time, t
d, follows the reset and is
t
d = 155 ms. In this time, the first watchdog pulse from the microcontroller is required. If the trig-
ger pulse NTRIG occurs during this time, the time t
1 starts immediately. If no trigger signal
occurs during the time t
d, a watchdog reset with tNRES = 4 ms will reset the microcontroller after
t
d = 155 ms. The times t1 and t2 have a fixed relationship between each other. A triggering signal
from the microcontroller is anticipated within the time frame of t
2 = 21.6 ms. To avoid false trig-
gering from glitches, the trigger pulse must be longer than t
TRIG,min > 200 ns. This slope serves to
restart the watchdog sequence. If the triggering signal fails in this open window t
2, the NRES
output will be drawn to ground. A triggering signal during the closed window t
1 immediately
switches NRES to low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com