Electronic Components Datasheet Search
  English  ▼

X  

TPS61301 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS61301 Datasheet HTML 35Page - Texas Instruments TPS61301 Datasheet HTML 36Page - Texas Instruments TPS61301 Datasheet HTML 37Page - Texas Instruments TPS61301 Datasheet HTML 38Page - Texas Instruments TPS61301 Datasheet HTML 39Page - Texas Instruments TPS61301 Datasheet HTML 40Page - Texas Instruments TPS61301 Datasheet HTML 41Page - Texas Instruments TPS61301 Datasheet HTML 42Page - Texas Instruments TPS61301 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
OUT
IN
IN
OUT(CL)
VALLEY
L
L
OUT
V
V
V
1
D
I
= (1
D)
(I
+
I ) with I =
and D
2
L
f
V
-
-
´
D
D
´
»
IIN (DC)
Inductor
Current
Rectifier
Current
DI
L
f
D
L
V
I
IN
L
×
=
DI
L
CurrentLimit
Threshold
IVALLEY = ILIM
IIN (DC)
Increased
LoadCurrent
IOUT (CL)
DI
L
f
IPEAK
I
(=I
)
OUT(DC)
LED
TPS61300, TPS61301, TPS61305
www.ti.com
SLVS957A – JUNE 2009 – REVISED SEPTEMBER 2010
CURRENT LIMIT OPERATION
The current limit circuit employs a valley current sensing scheme. Current limit detection occurs during the off
time through sensing of the voltage drop across the synchronous rectifier. The detection threshold is user
selectable via the ILIM bit. The ILIM bit can only be set before the device enters operation (i.e., initial shutdown
state).
Figure 66 illustrates the inductor and rectifier current waveforms during current limit operation. The output
current, IOUT, is the average of the rectifier ripple current waveform. When the load current is increased such
that the lower peak is above the current limit threshold, the off time is lengthened to allow the current to decrease
to this threshold before the next on-time begins (so called frequency fold-back mechanism).
Both the output voltage and the switching frequency are reduced as the power stage of the device operates in a
constant current mode. The maximum continuous output current (IOUT(CL)), before entering current limit operation,
can be defined as:
(1)
The TPS6130x device also provides a negative current limit (c.a. 300mA) to prevent an excessive reverse
inductor current when the power stage sinks current from the output (i.e., storage capacitor) in the forced
continuous conduction mode.
Figure 66. Inductor/Rectifier Currents in Current Limit Operation
To minimize the requirements on the energy storage capacitor present at the output of the driver (HC_SEL = 1),
the TPS6130x device can contribute to a larger extent in supporting directly the high-current LED flash strobe. In
fact, the device can dynamically adjust it’s current limit setting according to the Tx-MASK input.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TPS61300, TPS61301, TPS61305



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com