Electronic Components Datasheet Search
  English  ▼

X  

TPS61301 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TPS61301 Datasheet HTML 45Page - Texas Instruments TPS61301 Datasheet HTML 46Page - Texas Instruments TPS61301 Datasheet HTML 47Page - Texas Instruments TPS61301 Datasheet HTML 48Page - Texas Instruments TPS61301 Datasheet HTML 49Page - Texas Instruments TPS61301 Datasheet HTML 50Page - Texas Instruments TPS61301 Datasheet HTML 51Page - Texas Instruments TPS61301 Datasheet HTML 52Page - Texas Instruments TPS61301 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
OutputVoltage, VOUT
PowerGood, PG
VBAT
LEDFlashCurrent, IFLASH
OV[3:0]
0000
0001
0010
0011
0100
0101
~200 ms
FeedbackSenseComparatorOutput
VLED > 400 mV
Self-Calibration,
SELFCAL bit (write)
Self-Calibration,
SELFCAL bit (read)
ESRxILED
~200 ms
FeedbackSense
ComparatorInformation
X
TPS61300, TPS61301, TPS61305
www.ti.com
SLVS957A – JUNE 2009 – REVISED SEPTEMBER 2010
Figure 74. LED Forward Voltage Self-Calibration Principle
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): TPS61300, TPS61301, TPS61305



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com