Electronic Components Datasheet Search
  English  ▼

X  

TPS61301 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS61301 Datasheet HTML 14Page - Texas Instruments TPS61301 Datasheet HTML 15Page - Texas Instruments TPS61301 Datasheet HTML 16Page - Texas Instruments TPS61301 Datasheet HTML 17Page - Texas Instruments TPS61301 Datasheet HTML 18Page - Texas Instruments TPS61301 Datasheet HTML 19Page - Texas Instruments TPS61301 Datasheet HTML 20Page - Texas Instruments TPS61301 Datasheet HTML 21Page - Texas Instruments TPS61301 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
16-bitPrescaler
Safety Timer
Time-Out (TO)
Dimming
(DIM)
Timer
Value
(STIM)
FLASH_SYNC
tPULSE
CLOCK
EdgeDetect
Start
MODE 0
MODE 1
CURRENT REGULATORMODE – DCLIGHT / FLASH ACTIVE
MODE 0 = LOW
MODE 1 = HIGH
Duty-CycleGenerator (0.8% … 8.6%)
LED1-3 ON/OFFCONTROL
0: LED1-3 OFF
1: DCLIGHT CURRENT LEVEL
Start
Flash/Timer
(SFT)
Tx-MASK
0: DCLIGHT CURRENT LEVEL
1: FLASHCURRENT LEVEL
LED1-3 CURRENT CONTROL
350 kW
Safety Timer Trigger
(STT)
1
0
1
GPIO/PG
(GPIOBit)
PortDirection
(DIR)
(GPIOBit)
PWROK
Port Type
(PG)
DCLight
Safety Timer
(11.2s)
MODE 1
MODE 0
0: NORMAL OPERATION
1: DISABLECURRENT SINK
350 kW
TPS61300, TPS61301, TPS61305
SLVS957A – JUNE 2009 – REVISED SEPTEMBER 2010
www.ti.com
TIMER BLOCK DIAGRAM
18
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61300, TPS61301, TPS61305



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com