Electronic Components Datasheet Search
  English  ▼

X  

TPS61301 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61301 Datasheet HTML 1Page - Texas Instruments TPS61301 Datasheet HTML 2Page - Texas Instruments TPS61301 Datasheet HTML 3Page - Texas Instruments TPS61301 Datasheet HTML 4Page - Texas Instruments TPS61301 Datasheet HTML 5Page - Texas Instruments TPS61301 Datasheet HTML 6Page - Texas Instruments TPS61301 Datasheet HTML 7Page - Texas Instruments TPS61301 Datasheet HTML 8Page - Texas Instruments TPS61301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
VOUT
AVIN
SW
C
I
SW
LED1
C
O
10 mF
PGND
PGND
AGND
L
2.2 H
m
SDA
SCL
TPS61300
LED2
LED3
D2
2.5 V..5.5 V
ENDCL
FLASH_SYNC
Tx- MASK
GPIO/PG
ENVM
INDLED
Privacy
Indicator
CAMERA ENGINE
I2CI/F
HC_SEL
BAL
FLASHREADY
PHONEPOWERON
1.8 V
D1
TPS61300, TPS61301, TPS61305
www.ti.com
SLVS957A – JUNE 2009 – REVISED SEPTEMBER 2010
1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
Check for Samples: TPS61300, TPS61301, TPS61305
1
FEATURES
DESCRIPTION
23
•
Four Operational Modes
The TPS6130x device is based on a high-frequency
synchronous boost topology with constant current
–
DC Light and Flashlight
sinks to drive up to three white LEDs in parallel
–
Voltage Regulated Converter: 3.8V...5.7V
(400mA/800mA/400mA maximum flash current). The
–
Standby: 2mA (typ.)
extended high-current mode (HC_SEL) allows up
•
Storage Capacitor Friendly Solution
to 1025mA/2050mA/1025mA flash current out of
the storage capacitor.
•
Automatic VF and ESR Calibration
The high-capacity storage capacitor on the output of
•
Power-Save Mode for Improved Efficiency at
the boost regulator provides the high-peak flash LED
Low Output Power, Up to 95% Efficiency
current, thereby reducing the peak current demand
•
Output Voltage Remains Regulated When
from the battery to a minimum.
Input Voltage Exceeds Nominal Output Voltage
The 2-MHz switching frequency allows the use of
•
I2C Compatible Interface up to 3.4Mbits/s
small and low profile 2.2mH inductors. To optimize
•
Zero Latency Tx-Masking Input
overall efficiency, the device operates with a 400mV
•
Hardware Voltage Mode Selection Input
LED feedback voltage.
(TPS61300, TPS61301)
The TPS6130x device not only operates as a
•
DC Light Mode Selection Input
regulated current source, but also as a standard
(TPS61300, TPS61306)
voltage boost regulator. The device keeps the output
voltage regulated even when the input voltage
•
Hardware Reset Input (TPS61301, TPS61305)
exceeds the nominal output voltage. The device
•
LED Temperature Monitoring (TPS61305)
enters power-save mode operation at light load
•
Privacy Indicator LED Output
currents to maintain high efficiency over the entire
load current range.
•
Integrated LED Safety Timer
•
Total Solution Size of Less Than 25 mm2
To simplify flashlight synchronization with the camera
(<1mm height)
module,
the
device
offers
a
trigger
pin
(FLASH_SYNC) for zero latency LED turn-on time.
•
Available in a 20-Pin NanoFree™ (CSP)
APPLICATIONS
•
Single/Dual/Triple White LED Flashlight Supply
for Cell Phones and Smart-Phones
•
LED Based Xenon "Killer" Flashlight
•
Audio Amplifier Power Supply
Figure 1. Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
3
I2C is a trademark of NXP Semiconductors.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61301 TI-TPS61301 Datasheet
2Mb / 77P
1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61301YFFR TI-TPS61301YFFR Datasheet
2Mb / 77P
1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61301YFFR TI1-TPS61301YFFR Datasheet
2Mb / 70P
TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
TPS61301YFFT TI-TPS61301YFFT Datasheet
2Mb / 77P
1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61301YFFT TI1-TPS61301YFFT Datasheet
2Mb / 70P
TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
More results

Similar Description - TPS61301

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
High power white LED driver with I2CTM interface
12-Sep-2007
logo
Texas Instruments
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com