Electronic Components Datasheet Search
  English  ▼

X  

TPS61301 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS61301 Datasheet HTML 24Page - Texas Instruments TPS61301 Datasheet HTML 25Page - Texas Instruments TPS61301 Datasheet HTML 26Page - Texas Instruments TPS61301 Datasheet HTML 27Page - Texas Instruments TPS61301 Datasheet HTML 28Page - Texas Instruments TPS61301 Datasheet HTML 29Page - Texas Instruments TPS61301 Datasheet HTML 30Page - Texas Instruments TPS61301 Datasheet HTML 31Page - Texas Instruments TPS61301 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
t - Time = 5 µs/div
Tx-MASK
(2V/div)
I
(200mA/div)
LED2
I
(200mA/div)
L
TPS61300, HC_SEL = 0
V = 3.6V, V
= 4.95V
I
= 1750mA
IN
OUT
LIM
LED2 Channel Only
DCLC2[2:0] = 110
FC2[2:0] = 111
t - Time = 100 µs/div
Tx-MASK
(2V/div)
I
(200mA/div)
LED2
I
(500mA/div)
L
TPS61300, HC_SEL = 0
V = 3.6V, V
= 4.95V
I
= 1750mA
IN
OUT
LIM
LED2 Channel Only
DCLC2[2:0] = 001
FC2[2:0] = 111
TPS61300,HC_SEL =0
V
(500mV/div-3.6VOffset)
OUT
I
(20mA/div)
LED2
Frequency=121Hz
DutyCycle=6.3%
V
=3.6V,I
=75mA
IN
DCLIGHT2
t-Time=2ms/div
LED2ChannelOnly
INDC[3:0]=1110
t-Time=125ns/div
SW
(2V/div)
I
(200mA/div)
L
V
(20mV/div-4.95VOffset)
OUT
V =3.6V,
IN
V
=4.95V
I
=300mA,I
=1750mA
OUT
OUT
LIM
ForcedPWMOperation
ENPSMbit=0
TPS61300,HC_SEL =0
TPS61300, TPS61301, TPS61305
SLVS957A – JUNE 2009 – REVISED SEPTEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 36. Tx-MASKING OPERATION (HC_SEL=0)
Figure 37. Tx-MASKING OPERATION (HC_SEL=0)
Figure 38. LOW-LIGHT DIMMING MODE OPERATION
Figure 39. PWM OPERATION
28
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61300, TPS61301, TPS61305



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com