Electronic Components Datasheet Search
  English  ▼

X  

LB1875 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1875
Description  Polygon Mirror Motor Predriver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1875 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1875 Datasheet HTML 1Page - Sanyo Semicon Device LB1875 Datasheet HTML 2Page - Sanyo Semicon Device LB1875 Datasheet HTML 3Page - Sanyo Semicon Device LB1875 Datasheet HTML 4Page - Sanyo Semicon Device LB1875 Datasheet HTML 5Page - Sanyo Semicon Device LB1875 Datasheet HTML 6Page - Sanyo Semicon Device LB1875 Datasheet HTML 7Page - Sanyo Semicon Device LB1875 Datasheet HTML 8Page - Sanyo Semicon Device LB1875 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LB1875
No. 6002-3/17
Electrical Characteristics at Ta = 25
°C, V
CC = 12V
Continued on next page
min
typ
max
Power supply current
ICC
30
40
mA
[5V regulated output ]
Output fluctuation
VREG
4.65
5.0
5.35
V
Voltage fluctuation
∆V
REG1VCC=8 to 13.5V
40
100
mV
Load fluctuation
∆V
REG2IO=0 to –15 mA
20
100
mV
Temperature coefficcient
∆V
REG3
Design target value
0
mV/
°C
[Output Section]
Output saturation voltage
VO(sat)1-1 UH, VH, WH "L" level, IO=50
µA
0.1
0.3
V
Vo(sat)1-2 UH, VH, WH "L" level, IO=10 mA
0.9
1.1
V
VO(sat)2
UH, VH, WH "L" level, IO=20 mA
VCC–0.9
VCC–1.1
V
VO(sat)3
UL, VL, WL, IO=20 mA
0.2
0.4
V
Output leak current
IOleak
UL, VL, WL
10
µA
[Hall amplifier]
Input bias current
IHB(HA)
–4
–1
µA
Same-phase input voltage range
VICM
0
VCC–2.0
V
Hall input sensitivity
30
mVP-P
Hysteresis width
∆V
IN(HA)
8
14
24
mV
Input voltage L->H
VSLH
7
mV
Input voltage H->L
VSHL
–7
mV
[FG/Schmitt comparator section]
Input bias current
IB(FGS)
–4
–1
µA
Same-phase input voltage range
VICM(FGS)
0
VCC–2.0
V
Input sensitivity
VIN(FGS)
30
mVP-P
Hysteresis width
∆V
IN(FGS)
Design target value
8
14
24
mV
Input voltage L->H
VSLH(FGS) Design target value
7
mV
Input voltage H->L
VSHL(FGS) Design target value
–7
mV
[PWM oscillator]
Output High level voltage
VOH(OSC)
2.7
3.0
3.3
V
Output Low level voltage
VOL(OSC)
1.5
1.8
2.1
V
Oscillator frequency
f(OSC)
C=2200 pF
30
kHz
Amplitude
V(OSC)
1.0
1.2
1.4
VP-P
[PWM output]
Output saturation voltage
VOL(PWM) IPWM=15 mA
0.9
2.0
V
Output leak current
IL(PWM)
VO=VCC
10
µA
[CSD oscillator ]
Output High level voltage
VOH(CSD)
2.5
2.8
3.1
V
Output Low level voltage
VOL(CSD)
0.55
0.85
1.15
V
External C charge current
ICHG1
–13
–10
–7
µA
External C discharge current
ICHG2
7
10
13
µA
Oscillator frequency
fCSD
C=0.068
µF
35
Hz
Amplitude
VCSD
1.75
1.95
2.15
VP-P
[Phase comparator output]
Output High level voltage
VPDH
IOH=–100
µAV
REG–0.2
VREG–0.1
V
Output Low level voltage
VPDL
IOH=100
µA
0.1
0.2
V
Output source current
IPD
+
VPD=VREG/2
–0.6
mA
Output sink current
IPD
–
VPD=VREG/2
1.5
mA
[Phase lock detector output]
Output saturation voltage
VOL(LD)
ILD=10 mA
0.1
0.4
V
Output leak current
IL(LD)
VO=VCC
10
µA
Ratings
Parameter
Symbol
Conditions
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com