Electronic Components Datasheet Search
  English  ▼

X  

LB1875 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1875
Description  Polygon Mirror Motor Predriver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1875 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1875 Datasheet HTML 1Page - Sanyo Semicon Device LB1875 Datasheet HTML 2Page - Sanyo Semicon Device LB1875 Datasheet HTML 3Page - Sanyo Semicon Device LB1875 Datasheet HTML 4Page - Sanyo Semicon Device LB1875 Datasheet HTML 5Page - Sanyo Semicon Device LB1875 Datasheet HTML 6Page - Sanyo Semicon Device LB1875 Datasheet HTML 7Page - Sanyo Semicon Device LB1875 Datasheet HTML 8Page - Sanyo Semicon Device LB1875 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LB1875
No. 6002-5/17
3-phase logic truth table (IN = “H” indicates the IN+ > IN– condition)
FGSEL pin
Continued from previous page
CLKSEL pin
S/S pin
LIM pin
Pin Assignment
IN1
IN2
IN3
IN1
IN2
IN3
SOURCE
SYNC
1
H
LH
LH
L
VH
UL
2
H
LLL
H
H
WH
UL
3
H
H
LLL
H
WH
VL
4
L
HL
HL
H
UH
VL
5
L
HHH
L
L
UH
WL
6
L
L
HHH
L
VH
WL
F/R= "L"
F/R= "H"
Output
Input state
Condition
Input state
Edge detection
Input state
Divisor
High or open
Stop
High or open
FG dual edge
High or open
1024 x 4
L
Start
L
FG single edge
M
1024
L
1024 x 3
Input state
Output pin (UH, VH, WH)
PWMOUT pin
High or open
No PWM (PAM operation)
PWM output
L
PWM (direct PWN operation)
FG/Schmitt comparator output
min
typ
max
[CLKSEL pin]
High level input voltage
VIH(CSEL)
4.0
VREG
V
Middle level input voltage
VIM(CSEL)
2.0
3.0
V
Low level input voltage
VIL(CSEL)
0
1.0
V
Input open voltage
VIO(CSEL)
VREG–0.5
VREG
V
High level input current
IIH(CSEL) VCSEL=VREG
–10
0
+10
µA
Low level input current
IIL(CSEL) VCSEL=0V
–200
–140
µA
[LIM pin]
High level input voltage
VIH(LIM)
3.5
VREG
V
Low level input voltage
VIL(LIM)
0
1.5
V
Input open voltage
VIO(LIM)
VREG–0.5
VREG
V
High level input current
IIH(LIM)
VLIM=VREG
–10
0
+10
µA
Low level input current
IIL(LIM)
VLIM=0V
–200
–140
µA
Ratings
Parameter
Symbol
Conditions
Unit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
LB1875
A11348



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com