Electronic Components Datasheet Search
  English  ▼

X  

LB1875 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB1875
Description  Polygon Mirror Motor Predriver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1875 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LB1875 Datasheet HTML 3Page - Sanyo Semicon Device LB1875 Datasheet HTML 4Page - Sanyo Semicon Device LB1875 Datasheet HTML 5Page - Sanyo Semicon Device LB1875 Datasheet HTML 6Page - Sanyo Semicon Device LB1875 Datasheet HTML 7Page - Sanyo Semicon Device LB1875 Datasheet HTML 8Page - Sanyo Semicon Device LB1875 Datasheet HTML 9Page - Sanyo Semicon Device LB1875 Datasheet HTML 10Page - Sanyo Semicon Device LB1875 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LB1875
No. 6002-7/17
(Sample application: direct PWM drive, FET output)
+
–
+
–
+
–
FG
FILTER
FG
SELECT
CLK
SELECT
OSC
ECL
1/8
1/128
1/384
1/512
LD
CLK
PWM
OSC
S/S
F/R
VREG
LVSD
TSD
COMP
PWM
LOGIC
SD
OSC
HALL LOGIC
HALL
HYS AMP
CURR
LIM
PRI
DRIVER
PLL
+
+
VREG
FGIN
–
FGIN
+
CLKIN
CLKOUT
XI
XO
CPWM
VREG
S/S
F/R
CSD
CLKSEL
FGSEL
IN1+
IN1–
IN2+
IN2–
IN3+
IN3–
SOFT
GND
LIM
VCC
RF
WH
WL
VH
VL
UH
UL
TOC
EO
EI
PWMOUT
VREG
VCC
PD
LD1
LD2
VREG
12V
FGS
VREG
24V
A11597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com