Electronic Components Datasheet Search
  English  ▼

X  

LB1875 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1875
Description  Polygon Mirror Motor Predriver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1875 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1875 Datasheet HTML 1Page - Sanyo Semicon Device LB1875 Datasheet HTML 2Page - Sanyo Semicon Device LB1875 Datasheet HTML 3Page - Sanyo Semicon Device LB1875 Datasheet HTML 4Page - Sanyo Semicon Device LB1875 Datasheet HTML 5Page - Sanyo Semicon Device LB1875 Datasheet HTML 6Page - Sanyo Semicon Device LB1875 Datasheet HTML 7Page - Sanyo Semicon Device LB1875 Datasheet HTML 8Page - Sanyo Semicon Device LB1875 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LB1875
No. 6002-4/17
Continued on next page
Continued from preceding page
min
typ
max
[ERR amplifier]
Input offset voltage
VIO(ER)
Design target value
–10
+10
mV
Input bias current
IB(ER)
–1
+1
µA
Ouput High level voltage
VOH(ER)
IOH = –500
µAV
REG–1.2
VREG–0.9
V
Ouput Low level voltage
VOL(ER)
IOL=500
µA
0.9
1.2
V
DC bias level
VB(ER)
–5%
VREG/2
V
[Current limiter]
Limiter voltage
VRF
0.45
0.5
0.55
V
[Low-voltage protection circuit]
Operation voltage
VSDL
3.55
3.75
3.95
V
Release voltage
VSDH
3.8
4.0
4.2
V
Hysteresis width
∆VSD
0.15
0.25
0.35
°C
[Thermal shutdown operation]
Termal shutdown temperature
TSD
Design target value (junction temperature)
150
180
°C
Hysteresis width
∆TSD
Design target value (junction temperature)
30
°C
[SOFT pin]
Stop voltage
VSFT
In stop condition
3.0
3.3
3.6
V
External C discharge current
IDCHG
4
6
8
µA
[Quartz oscillator]
Quartz oscillator frequency
fOSC
2
10
MHz
Low level pin voltage
VOSCL
IOSC=–0.5 mA
1.45
V
High level pin voltage
VOSCH
VOSC=VOSCL+0.6V
0.5
mA
[CLKOUT pin]
Output saturation voltage
V
OL(CKOUT)
ICKOUT=2 mA
0.1
0.4
V
Output leak current
IL(CKOUT) VO=VCC
10
µA
[CLKIN pin]
External input frequency
fI(CKIN)
0.1
10
kHz
High level input voltage
VIH(CKIN)
3.5
VREG
V
Low level input voltage
VIL(CKIN)
0
1.5
V
Input open voltage
VIO(CKIN)
VREG–0.5
VREG
V
Hysteresis width
VIS(CKIN)
0.3
0.4
0.5
V
High level input current
IIH(CKIN)
VCKIN=VREG
–10
0
+10
µA
Low level input current
IIL(CKIN)
VCKIN=0V
–200
–140
µA
[S/S pin]
High level input voltage
VIH(SS)
3.5
VREG
V
Low level input voltage
VIL(SS)
0
1.5
V
Input open voltage
VIO(SS)
VREG–0.5
VREG
V
Hysteresis width
VIS(SS)
0.3
0.4
0.5
V
High level input current
IIH(SS)
VS/S=VREG
–10
0
+10
µA
Low level input current
IIL(SS)
VS/S=0V
–200
–140
µA
[F/R pin]
High level input voltage
VIH(FR)
3.5
VREG
V
Low level input voltage
VIL(FR)
0
1.5
V
Input open voltage
VIO(FR)
VREG–0.5
VREG
V
High level input current
IIH(FR)
VF/R=VREG
–10
0
+10
µA
Low level input current
IIL(FR)
VF/R=0V
–200
–140
µA
[FGSEL pin]
High level input voltage
VIH(FSEL)
3.5
VREG
V
Low level input voltage
VIL(FSEL)
0
1.5
V
Input open voltage
VIO(FSEL)
VREG–0.5
VREG
V
High level input current
IIH(FSEL)
VFSEL=VREG
–10
0
+10
µA
Low level input current
IIL(FSEL)
VFSEL=0V
–200
–140
µA
Ratings
Parameter
Symbol
Conditions
Unit
+ 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com