Electronic Components Datasheet Search
  English  ▼

X  

LB1875 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1875
Description  Polygon Mirror Motor Predriver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1875 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LB1875 Datasheet HTML 2Page - Sanyo Semicon Device LB1875 Datasheet HTML 3Page - Sanyo Semicon Device LB1875 Datasheet HTML 4Page - Sanyo Semicon Device LB1875 Datasheet HTML 5Page - Sanyo Semicon Device LB1875 Datasheet HTML 6Page - Sanyo Semicon Device LB1875 Datasheet HTML 7Page - Sanyo Semicon Device LB1875 Datasheet HTML 8Page - Sanyo Semicon Device LB1875 Datasheet HTML 9Page - Sanyo Semicon Device LB1875 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LB1875
No. 6002-6/17
Block Diagram and Sample Application Circuit
(Sample application: PAM drive, FET output)
Note: For applications where the motor has variable speed and control at low motor voltages is required, the base voltage of the
output interface transistor must be made low. In this case, a P-channel FET which can be used at low gate voltages must be
selected.
+
–
+
–
+
–
FG
FILTER
FG
SELECT
CLK
SELECT
OSC
ECL
1/8
1/128
1/384
1/512
LD
CLK
PWM
OSC
S/S
F/R
VREG
LVSD
TSD
COMP
PWM
LOGIC
SD
OSC
HALL LOGIC
HALL
HYS AMP
CURR
LIM
PRI
DRIVER
PLL
+
+
+
VREG
FGIN
–
FGIN
+
CLKIN
CLKOUT
XI
XO
CPWM
VREG
S/S
F/R
CSD
CLKSEL
FGSEL
IN1+
IN1–
IN2+
IN2–
IN3+
IN3– SOFT
GND
LIM
VCC
RF
WH
WL
VH
VL
UH
UL
TOC
EO
EI
PWM
OUT
VREG
VCC
PD
LD1
LD2
VREG
24V
12V
A11596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com