Electronic Components Datasheet Search
  English  ▼

X  

BGA2802 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGA2802
Description  MMIC wideband amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA2802 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGA2802 Datasheet HTML 1Page - NXP Semiconductors BGA2802 Datasheet HTML 2Page - NXP Semiconductors BGA2802 Datasheet HTML 3Page - NXP Semiconductors BGA2802 Datasheet HTML 4Page - NXP Semiconductors BGA2802 Datasheet HTML 5Page - NXP Semiconductors BGA2802 Datasheet HTML 6Page - NXP Semiconductors BGA2802 Datasheet HTML 7Page - NXP Semiconductors BGA2802 Datasheet HTML 8Page - NXP Semiconductors BGA2802 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
BGA2802
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 24 February 2011
2 of 18
NXP Semiconductors
BGA2802
MMIC wideband amplifier
3.
Ordering information
4.
Marking
5.
Limiting values
6.
Thermal characteristics
7.
Characteristics
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BGA2802
-
plastic surface-mounted package; 6 leads
SOT363
Table 3.
Marking
Type number
Marking code
Description
BGA2802
MA*
* = - : made in Hong Kong
* = p : made in Hong Kong
* = W : made in China
* = t : made in Malaysia
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
RF input AC coupled
−0.5
3.6
V
ICC
supply current
-
55
mA
Ptot
total power dissipation
Tsp = 90 °C-
200
mW
Tstg
storage temperature
−40
+125
°C
Tj
junction temperature
-
125
°C
Pdrive
drive power
-
−16.5 dBm
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction to
solder point
Ptot = 200 mW; Tsp =90 °C
300
K/W
Table 6.
Characteristics
VCC = 3.3 V; ZS = ZL = 50 Ω; Pi = −40 dBm; Tamb = 25 °C; measured on demo board; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
3.0
3.3
3.6
V
ICC
supply current
9.8
12.5
15.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com