Electronic Components Datasheet Search
  English  ▼

X  

BGA2802 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGA2802
Description  MMIC wideband amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA2802 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGA2802 Datasheet HTML 1Page - NXP Semiconductors BGA2802 Datasheet HTML 2Page - NXP Semiconductors BGA2802 Datasheet HTML 3Page - NXP Semiconductors BGA2802 Datasheet HTML 4Page - NXP Semiconductors BGA2802 Datasheet HTML 5Page - NXP Semiconductors BGA2802 Datasheet HTML 6Page - NXP Semiconductors BGA2802 Datasheet HTML 7Page - NXP Semiconductors BGA2802 Datasheet HTML 8Page - NXP Semiconductors BGA2802 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BGA2802
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 24 February 2011
3 of 18
NXP Semiconductors
BGA2802
MMIC wideband amplifier
Gp
power gain
f = 250 MHz
30.6
31.2
31.8
dB
f = 950 MHz
30.4
31.1
31.8
dB
f = 2150 MHz
29.6
31.0
32.5
dB
RLin
input return loss
f = 250 MHz
25
27
29
dB
f = 950 MHz
2022
24dB
f = 2150 MHz
10
16
23
dB
RLout
output return loss
f = 250 MHz
12
17
21
dB
f = 950 MHz
1617
18dB
f = 2150 MHz
12
15
18
dB
ISL
isolation
f = 250 MHz
50
70
91
dB
f = 950 MHz
5860
62dB
f = 2150 MHz
50
52
55
dB
NF
noise figure
f = 250 MHz
2.6
3.1
3.6
dB
f = 950 MHz
3.7
4.1
4.5
dB
f = 2150 MHz
4.7
5.1
5.5
dB
B−3dB
−3 dB bandwidth
3 dB below gain at 1 GHz
1.9
2.1
2.3
GHz
K
Rollett stability factor
f = 250 MHz
29
44
60
f = 950 MHz
37
45
53
f = 2150 MHz
28
46
62
PL(sat)
saturated output power
f = 250 MHz
5
5
6
dBm
f = 950 MHz
5
6
8
dBm
f = 2150 MHz
6
7
9
dBm
PL(1dB)
output power at 1 dB gain compression f = 250 MHz
4
5
5
dBm
f = 950 MHz
4
6
7
dBm
f = 2150 MHz
6
7
8
dBm
IP3I
input third-order intercept point
Pdrive = −40 dBm (for each tone)
f1 = 250 MHz; f2 = 251 MHz
−18
−16
−14
dBm
f1 = 950 MHz; f2 = 951 MHz
−17
−15
−13
dBm
f1 =2150MHz; f2 =2151MHz
−17
−14
−11
dBm
IP3O
output third-order intercept point
Pdrive = −40 dBm (for each tone)
f1 = 250 MHz; f2 = 251 MHz
1315
17dBm
f1 = 950 MHz; f2 = 951 MHz
1416
18dBm
f1 =2150MHz; f2 = 2151 MHz
14
17
20
dBm
PL(2H)
second harmonic output power
Pdrive = −40 dBm
f1H = 250 MHz; f2H =500 MHz
−38
−36
−34
dBm
f1H = 950 MHz; f2H =1900MHz
−37
−35
−34
dBm
ΔIM2
second-order intermodulation distance
Pdrive = −40 dBm (for each tone)
f1 = 250 MHz; f2 = 251 MHz
2527
29dBc
f1 = 950 MHz; f2 = 951 MHz
2527
29dBc
Table 6.
Characteristics …continued
VCC = 3.3 V; ZS = ZL = 50 Ω; Pi = −40 dBm; Tamb = 25 °C; measured on demo board; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com