Electronic Components Datasheet Search
  English  ▼

X  

BGA2802 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BGA2802
Description  MMIC wideband amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA2802 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BGA2802 Datasheet HTML 8Page - NXP Semiconductors BGA2802 Datasheet HTML 9Page - NXP Semiconductors BGA2802 Datasheet HTML 10Page - NXP Semiconductors BGA2802 Datasheet HTML 11Page - NXP Semiconductors BGA2802 Datasheet HTML 12Page - NXP Semiconductors BGA2802 Datasheet HTML 13Page - NXP Semiconductors BGA2802 Datasheet HTML 14Page - NXP Semiconductors BGA2802 Datasheet HTML 15Page - NXP Semiconductors BGA2802 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
BGA2802
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 24 February 2011
12 of 18
NXP Semiconductors
BGA2802
MMIC wideband amplifier
Table 13.
Output third-order intercept point over temperature and supply voltages
Typical values.
Symbol
Parameter
Conditions
Tamb (°C)
Unit
−40
25
85
IP3O
output third-order intercept point
f1 =250 MHz;
f2 =251 MHz;
Pdrive = −40 dBm
VCC =3.0 V
14
13
12
dBm
VCC =3.3 V
16
15
14
dBm
VCC =3.6 V
18
17
15
dBm
f1 =950 MHz;
f2 =951 MHz;
Pdrive = −40 dBm
VCC =3.0 V
13
11
10
dBm
VCC =3.3 V
14
13
11
dBm
VCC =3.6 V
16
14
12
dBm
f1 =2150MHz;
f2 =2151MHz;
Pdrive = −40 dBm
VCC =3.0 V
8
6
3
dBm
VCC =3.3 V
9
6
4
dBm
VCC =3.6 V
9
6
4
dBm
Table 14.
−3 dB bandwidth over temperature and supply voltages
Typical values.
Symbol
Parameter
Conditions
Tamb (°C)
Unit
−40
25
85
B−3dB
−3 dB bandwidth
VCC = 3.0 V
2.922
2.768
2.595
GHz
VCC = 3.3 V
2.912
2.756
2.584
GHz
VCC = 3.6 V
2.902
2.743
2.568
GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com