Electronic Components Datasheet Search
  English  ▼

X  

BGA2802 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BGA2802
Description  MMIC wideband amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA2802 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BGA2802 Datasheet HTML 9Page - NXP Semiconductors BGA2802 Datasheet HTML 10Page - NXP Semiconductors BGA2802 Datasheet HTML 11Page - NXP Semiconductors BGA2802 Datasheet HTML 12Page - NXP Semiconductors BGA2802 Datasheet HTML 13Page - NXP Semiconductors BGA2802 Datasheet HTML 14Page - NXP Semiconductors BGA2802 Datasheet HTML 15Page - NXP Semiconductors BGA2802 Datasheet HTML 16Page - NXP Semiconductors BGA2802 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
BGA2802
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 24 February 2011
13 of 18
NXP Semiconductors
BGA2802
MMIC wideband amplifier
9.
Test information
True size = 30 mm
× 30 mm.
Fig 12. PCB layout and demo board with components
001aal226
C2
C1
C3
IC1
30 mm
30
mm
Table 15.
List of components used for the typical application
Component
Description
Value
Dimensions
C1, C2
multilayer ceramic chip capacitor
100 pF
0603
C3
multilayer ceramic chip capacitor
22 nF
0603
IC1
BGA2802 MMIC
SOT363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com