Electronic Components Datasheet Search
  English  ▼

X  

BGA2802 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGA2802
Description  MMIC wideband amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA2802 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGA2802 Datasheet HTML 1Page - NXP Semiconductors BGA2802 Datasheet HTML 2Page - NXP Semiconductors BGA2802 Datasheet HTML 3Page - NXP Semiconductors BGA2802 Datasheet HTML 4Page - NXP Semiconductors BGA2802 Datasheet HTML 5Page - NXP Semiconductors BGA2802 Datasheet HTML 6Page - NXP Semiconductors BGA2802 Datasheet HTML 7Page - NXP Semiconductors BGA2802 Datasheet HTML 8Page - NXP Semiconductors BGA2802 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
Product profile
1.1 General description
Silicon Monolithic Microwave Integrated Circuit (MMIC) wideband amplifier with internal
matching circuit in a 6-pin SOT363 plastic SMD package.
1.2 Features and benefits
Internally matched to 50
Ω
A gain of 25.8 dB at 950 MHz
Output power at 1 dB gain compression = 4 dBm
Supply current = 12.5 mA at a supply voltage of 3.3 V
Reverse isolation > 36 dB up to 2 GHz
Good linearity with low second order and third order products
Noise figure = 4.1 dB at 950 MHz
Unconditionally stable (K > 1)
No output inductor required
1.3 Applications
LNB IF amplifiers
General purpose low noise wideband amplifier for frequencies between
DC and 2.2 GHz
2.
Pinning information
BGA2802
MMIC wideband amplifier
Rev. 1 — 24 February 2011
Product data sheet
Table 1.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1VCC
2, 5
GND2
3RF_OUT
4
GND1
6RF_IN
13
2
4
5
6
sym052
1
3
2, 5
6
4


Similar Part No. - BGA2802

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2802 NXP-BGA2802 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - BGA2802

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2709 PHILIPS-BGA2709 Datasheet
86Kb / 12P
MMIC wideband amplifier
2002 Aug 06
BGA2712 PHILIPS-BGA2712 Datasheet
83Kb / 12P
MMIC wideband amplifier
2002 Sep 10
BGA2717 PHILIPS-BGA2717 Datasheet
86Kb / 14P
MMIC wideband amplifier
Rev. 02-24 September 2004
BGA2715 PHILIPS-BGA2715 Datasheet
88Kb / 14P
MMIC wideband amplifier
Rev. 02-24 September 2004
BGM1011 PHILIPS-BGM1011 Datasheet
125Kb / 11P
MMIC wideband amplifier
2002 Jan 14
BGM1012 PHILIPS-BGM1012 Datasheet
87Kb / 12P
MMIC wideband amplifier
2002 Sep 06
BGA2714 PHILIPS-BGA2714 Datasheet
93Kb / 15P
MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2776 NXP-BGA2776 Datasheet
258Kb / 10P
MMIC wideband amplifier
Rev. 04-29 August 2007
BGA2850 NXP-BGA2850 Datasheet
560Kb / 18P
MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2816 NXP-BGA2816 Datasheet
249Kb / 18P
MMIC wideband amplifier
Rev. 5-13 July 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com